Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILSTB18030 Datasheet(PDF) 2 Page - C&K Components

Part # ILSTB18030
Description  SIntegrated LED Tact Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ILSTB18030 Datasheet(HTML) 2 Page - C&K Components

  ILSTB18030 Datasheet HTML 1Page - C&K Components ILSTB18030 Datasheet HTML 2Page - C&K Components ILSTB18030 Datasheet HTML 3Page - C&K Components ILSTB18030 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B
B–162
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
LED CHARACTERISTICS
ILS Series
Integrated LED Tact Switch
STYLES
TA
NEW
STANDARD LED COLOR OPTIONS
LED Parameter
Symbol Condition UNITS RED
10
YELLOW/GREEN
30
BLUE
40
WHITE
50
GREEN
60
Power Dissipation
Pd
-
mW
52
60
120
18
120
Forward Current
IF
-
mA
20
20
30
5
30
Peak Forward
Current *1
IFP
-
mA
100
100
100
100
100
Reverse Voltage
VR
-
V
5
5
5
5
5
Operating
Temperature
Topr
-
-
-40˚C to 85˚C
-40˚C to 85˚C
-40˚C to 85˚C
-40˚C to 85˚C
-40˚C to 85˚C
Storage
Temperature
Tstg
-
-
-40˚C to 85˚C
-40˚C to 85˚C
-40˚C to 85˚C
-40˚C to 85˚C
-40˚C to 85˚C
Forward Voltage
Vf
F=5mA
V
2.6 max.
2.3 max.
3.2 max.
3.6 max.
3.4 max.
Luminouus Intensity Iv
F=5mA
mcd
140 min.
100 min.
63 min.
94 min.
1000 min.
Reverse Current
IR
F=5mA
µA
100 max.
-
-
1 max.
-
Peak Wave Length
λp
F=5mA
nm
644
570
460
-
521.5
Dominant Wave
Length
λd
F=5mA
nm
620 min.
567-573
465-470
-
515-525
Spectral Line
Half-width
Δ λ
F=5mA
nm
20
30
30
-
30
Viewing Angle
2
q1/2
F=5mA
deg
35
35
35
35
35
6.1
5.8
0.7
6-
1.1
6.5
6.5±0.3
CIRCUIT DIAGRAM
1
2
3
4
0.5
0.4
5
6
5.7±0.2
4.5
P.C.B LAND DIMENSION
4
3
2
1
5
6
LED
20 Nov 20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com