Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBD2004N3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # CMBD2004N3
Description  High voltage switching (double) diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CMBD2004N3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  CMBD2004N3 Datasheet HTML 1Page - Cystech Electonics Corp. CMBD2004N3 Datasheet HTML 2Page - Cystech Electonics Corp. CMBD2004N3 Datasheet HTML 3Page - Cystech Electonics Corp. CMBD2004N3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C335N3
Issued Date : 2003.05.30
Revised Date :
Page No. : 2/4
CMBD2004/A/C/SN3
CYStek Product Specification
Absolute Maximum Ratings(Ta=25℃, unless otherwise specified)
• Maximum Temperatures
Storage Temperature
Tstg ................................................................................................... -65~+150
°C
Junction Temperature Tj ............................................................................................................. +150
°C
• Maximum Power Dissipation
Total Power Dissipation
Ptot (Note)........................................................................................... 350 mW
• Maximum Voltages and Currents
Repetitive Peak Reverse Voltage VRRM ............................................................................................ 300 V
DC Blocking Voltage VR………………………………………………………………………….. 240V
RMS Reverse Voltage VR(RMS)…………………………………………………………………….. 170V
Continuous Forward Current IF (Note)…………………………………………………………… 225 mA
Peak Repetitive Forward Current IFRM
(Note)
………..………………………………………….625 mA.
Surge Non-repetitive Forward Current IFSM @ tp=1µs ........................................................................ 4A
@ tp=1s…….…………………………………………. 1A
• Thermal Resistance, Junction to Ambient Air RθJA……………………………………….……357℃/W
Note : Parts mounted on FR-4 board. For double diodes, Ptot is the total power dissipation of both diodes.
Characteristics (Ta=25°C)
Characteristic
Symbol
Condition
Min.
Max.
Unit
Reverse Breakdown Voltage
VBR
IR=100µA
300
-
V
VF(1)
IF=20mA
-
870
mV
Forward Voltage (Note)
VF(2)
IF=100mA
-
1000
mV
IR(1)
VR=240V,Tj=25℃
-
100
nA
Reverse Leakage Current (Note)
IR(2)
VR=240V,Tj=150℃
100
µA
Diode Capacitance
CD
VR=0V, f=1MHz
-
5
pF
Reverse Recovery Time
trr
IF=IR=30mA RL=100
Ω
measured at IR=3mA
-
50
ns
Notes
: Pulse test, tp=380µs, duty cycle<2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com