Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTO35 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DTO35
Description  Surface Mounted Power Resistor Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DTO35 Datasheet(HTML) 1 Page - Vishay Siliconix

  DTO35 Datasheet HTML 1Page - Vishay Siliconix DTO35 Datasheet HTML 2Page - Vishay Siliconix DTO35 Datasheet HTML 3Page - Vishay Siliconix DTO35 Datasheet HTML 4Page - Vishay Siliconix DTO35 Datasheet HTML 5Page - Vishay Siliconix DTO35 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DTO35
www.vishay.com
Vishay Sfernice
Revision: 10-Nov-2021
1
Document Number: 51078
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mounted Power Resistor Thick Film Technology
LINKS TO ADDITIONAL RESOURCES
FEATURES
• AEC-Q200 qualified
• 35 W at 25 °C case temperature
• Surface mounted resistor - TO-252 (DPAK)
style package
• Wide resistance range: 0.016
Ω to 700 kΩ
• Non inductive
• Resistor isolated from metal tab
• Solder reflow secure at 270 °C / 10 s, MSL = 1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
• For the assembly, we recommend the lead (Pb)-free thermal profile as per J-STD-020C
• Power dissipation is 4.5 W at an ambient temperature of 25 °C when mounted on a double sided copper board using FR4 HTG, 70 μm of
copper, 39 mm x 30 mm x 1.6 mm, with thermal vias
• For other information about dissipation, see the Application Note 52027: “Thermal Management on SMD Thick Film Resistors (D2TO20,
D2TO35, DTO25, DTO35)”
333
DDD3 D
3D Models
DIMENSIONS in millimeters
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
Ω
RATED POWER
P25 °C
W
LIMITING ELEMENT
VOLTAGE
UL
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CRITICAL
RESISTANCE
Ω
DTO35
TO-252 (DPAK)
0.016 to 700K
35
500
1, 2, 5, 10
150
7.1K
7.87
2.54
1.65
1.65
2.54
Footprint recommendation for
solderable contact area:
Tolerance unspecified: ± 0.3
8.2
0.8 ± 0.1
1.4 +0.2 /-0
0.8 ± 0.1
2.8
1.6 ± 0.1
0.6 ± 0.1
1.2
6.35
10°
5.08
MECHANICAL SPECIFICATIONS
Mechanical Protection
Molded
Resistive Element
Thick film
Substrate
Alumina
Connections
Tinned copper, Ni under layer
Weight
2 g max.
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
-55 °C to +175 °C
Climatic Category
55 / 175 / 56
Flammability
IEC 60695-11-5
Application time: ta = 10 s
Burning duration: tb < 30 s
ELECTRICAL SPECIFICATIONS
Tolerances
From 0.016
Ω to 0.047 Ω:
± 5 % and ± 10 %
> 0.047
Ω to 0.1 Ω:
± 2 % to ± 10 %
≥ 0.11 Ω: ± 1 % to ± 10 %
Power Rating and Thermal
Resistance
35 W at +25 °C case
temperature RTH (j - c): 4.28 °C/W
Temperature Coefficient
See Special Feature table
± 150 ppm/°C
Dielectric Strength
1500 VRMS - 1 min - 15 mA max.
(between terminals and board)
Insulation Resistance
≥ 104 MΩ
Inductance
≤ 0.1 μH


Similar Part No. - DTO35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DTO35 VISHAY-DTO35 Datasheet
135Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
24-Oct-2019
More results

Similar Description - DTO35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D2TO20 VISHAY-D2TO20 Datasheet
96Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
10-Feb-15
D2TO35 VISHAY-D2TO35 Datasheet
107Kb / 5P
Surface Mounted Power Resistor Thick Film Technology
19-Jul-11
D2TO035C15R00FTE3 VISHAY-D2TO035C15R00FTE3 Datasheet
142Kb / 6P
Surface Mount Power Resistor Thick Film Technology
22-Apr-13
D2TO035C10R00FTE3 VISHAY-D2TO035C10R00FTE3 Datasheet
142Kb / 6P
Surface Mount Power Resistor Thick Film Technology
31-Oct-13
D2TO20 VISHAY-D2TO20_15 Datasheet
139Kb / 6P
Surface Mount Power Resistor Thick Film Technology
10-Feb-15
D2TO35 VISHAY-D2TO35_15 Datasheet
125Kb / 6P
Surface Mount Power Resistor Thick Film Technology
23-Sep-15
DTO25 VISHAY-DTO25 Datasheet
154Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
23-Sep-15
DTO35 VISHAY-DTO35 Datasheet
135Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
24-Oct-2019
DTO25 VISHAY-DTO25_V01 Datasheet
186Kb / 7P
Surface Mounted Power Resistor Thick Film Technology
10-Nov-2021
D2TO20 VISHAY-D2TO20_V01 Datasheet
137Kb / 6P
Surface Mount Power Resistor Thick Film Technology
15-Feb-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com