Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWF4N70L Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SWF4N70L
Description  N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SWF4N70L Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SWF4N70L Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SWF4N70L Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SWF4N70L Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SWF4N70L Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SWF4N70L Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SWF4N70L Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SWF4N70L Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Mar. 2018. Rev. 2.0
1/7
SW4N70L
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.8Ω)@VGS=10V
 Low Gate Charge (Typ 18nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: LED,Charge, Adaptor
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220F TO-251N
TO-252
V
DSS
Drain to source voltage
700
V
I
D
Continuous drain current (@T
C=25
oC)
4*
A
Continuous drain current (@T
C=100
oC)
2.5*
A
I
DM
Drain current pulsed
(note 1)
16
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
202
mJ
E
AR
Repetitive avalanche energy
(note 1)
20
mJ
dv/dt
MOSFET dv/dt ruggedness (@VDS=0~400V)
30
V/ns
dv/dt
Peak diode recovery dv/dt
(note 3)
20
V/ns
P
D
Total power dissipation (@T
C=25
oC)
20
125
114
W
Derating factor above 25oC
0.16
1.0
0.9
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220F TO-251N
TO-252
R
thjc
Thermal resistance, Junction to case
6.2
1.0
1.1
oC/W
R
thja
Thermal resistance, Junction to ambient
54
86
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 4N70L
SW4N70L
TO-220F
TUBE
2
SW N 4N70L
SW4N70L
TO-251N
TUBE
3
SW D 4N70L
SW4N70L
TO-252
REEL
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
General Description
This power MOSFET is produced with advanced super junction technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 700V
I
D
: 4A
R
DS(ON) : 0.8Ω
1
2
3
TO-220F
1
2
3
TO-251N
TO-252
1
2
3
1
2
3


Similar Part No. - SWF4N70L

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWF4N60 SEMIPOWER-SWF4N60 Datasheet
946Kb / 7P
N-channel I-PAK/D-PAK/TO-220F MOSFET
SWF4N60A SEMIPOWER-SWF4N60A Datasheet
771Kb / 7P
N-channel MOSFET
SWF4N65 SEMIPOWER-SWF4N65 Datasheet
775Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
logo
SHENZHEN DOINGTER SEMIC...
SWF4N65 DOINGTER-SWF4N65 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - SWF4N70L

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N80K2 SEMIPOWER-SW10N80K2 Datasheet
694Kb / 7P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW2N70D SEMIPOWER-SW2N70D Datasheet
963Kb / 7P
N-channel Enhanced mode TO-251N/TO-252/TO-126/TO-220F MOSFET
SW4N50K SEMIPOWER-SW4N50K Datasheet
1,022Kb / 7P
N-channel Enhanced mode TO-251N/TO-252/TO-220F MOSFET
SW4N65DA SEMIPOWER-SW4N65DA Datasheet
735Kb / 6P
N-channel Enhanced mode TO-220F/TO-251N/TO-252/TO-251NX-S4 MOSFET
SW4N65K2 SEMIPOWER-SW4N65K2 Datasheet
780Kb / 6P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW4N70K2 SEMIPOWER-SW4N70K2 Datasheet
939Kb / 6P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW4N80K SEMIPOWER-SW4N80K Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW6N60D SEMIPOWER-SW6N60D Datasheet
856Kb / 6P
N-channel Enhanced mode TO-220F/TO-252/TO-251N MOSFET
SW6N70DB SEMIPOWER-SW6N70DB Datasheet
751Kb / 6P
N-channel Enhanced mode TO-220F /TO-252/TO-251N MOSFET
SW6N80D SEMIPOWER-SW6N80D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251N/TO-220F/TO-252 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com