Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAU323 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MAU323
Description  2W, Miniature SIP, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MAU323 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MAU323 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MAU323 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MAU323 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MAU323 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MAU323 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MAU323 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
LC
Filter
Single Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
LC
Filter
Block Diagram
Low Profile
Low Cost
$
I/O Isolation
1000
VDC
More Power
High
Power
Density
Minmax's MAU300 DC/DC's are specially designed to
provide higher power to 2W in a miniature SIP package.
The series consists of 21 models with input voltages of
5V, 12V and 24VDC which offers standard output voltages of
3.3V, 5V, 12V, 15V, ±5V, ±12V and ±15VDC for a wide
choice.
The MAU300 series is an excellent selection for a variety
of applications including distributed power systems, mixed
analog/digital subsystems, portable test equipments, local
power networks and battery backed systems.
Industry Standard Pinout
Internal SMD Construction
UL 94V-0 Package Material
Temperature Performance -40] to +85]
Output 3.3, 5, 12, 15, {5, {12 and {15VDC
Input 5, 12 and 24VDC
Low Cost
MTBF > 2,000,000 Hours
1000VDC Isolation
Efficiency up to 83%
Key Features
2W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU300 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MAU323

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU323 TOTAL-POWER-MAU323 Datasheet
281Kb / 4P
MAU300 Series 2 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
Minmax Technology Co., ...
MAU323 MINMAX-MAU323 Datasheet
511Kb / 4P
DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
logo
Total Power Internation...
MAU323 TOTAL-POWER-MAU323 Datasheet
472Kb / 4P
SIP Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MAU323 MINMAX-MAU323 Datasheet
510Kb / 4P
DC/DC CONVERTER 2W
2013/01/23 REV:4
More results

Similar Description - MAU323

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MSAU400 MINMAX-MSAU400 Datasheet
205Kb / 6P
2W, Miniature SMD, Single & Dual Output DC/DC Converters
MSLU400 MINMAX-MSLU400 Datasheet
188Kb / 7P
2W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
D200E MPD-D200E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
E200 MPD-E200 Datasheet
175Kb / 2P
Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
High Isolation, 2W SIP Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com