Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP504 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MIP504
Description  Silicon MOS IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP504 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MIP504 Datasheet HTML 1Page - Panasonic Semiconductor MIP504 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
unit: mm
1
Intelligent Power Devices (IPDs)
MIP504
Silicon MOS IC
s Features
q 3-pin intelligent power device
q Five protective functions (over-current, over-voltage, short circuit
load, over heat, ESD) are integrated
q Acceptable both AC and DC power supply
s Applications
q Lamp drive
1: Source
2: Drain
3: IN
TO-92 NL Package
s Absolute Maximum Ratings (Ta = 25°C)
Parameter
Drain to Source voltage
Output peak current
Output current
Input voltage
Input current
Allowable power dissipation
Operating ambient temperature
Channel temperature
Storage temperature
Symbol
VDS
IOP
IO
VIN
IIN
PD
Topr
Tch
Tstg
Ratings
60
±5
−1 to 2*1
− 0.5 to 6
±10
1*
2
−40 to +85
150
−55 to +150
Unit
V
A
A
V
mA
W
°C
°C
°C
s Block Diagram
Gate cut-off circuit
ESD
protection
Over current
protection
Over voltage
protection
S
IN
D
Short circuit load
protection
Over heat
protection
5.0±0.2
1.27
123
1.27
4.0±0.2
0.45
+0.15
–0.1
0.45
+0.15
–0.1
0.7±0.1
2.54±0.15
*1 Maximum load current, not the average current.
*2 Mounting on the PCB (Glass epoxy board, the size of 100mm
× 100mm). (Ta = 25°C)


Similar Part No. - MIP504

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP501 PANASONIC-MIP501 Datasheet
38Kb / 3P
Silicon MOS IC
MIP502 PANASONIC-MIP502 Datasheet
38Kb / 3P
Silicon MOS IC
MIP506 PANASONIC-MIP506 Datasheet
30Kb / 2P
Silicon MOS IC
MIP508 PANASONIC-MIP508 Datasheet
30Kb / 2P
Silicon MOS IC
More results

Similar Description - MIP504

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP0221SY PANASONIC-MIP0221SY Datasheet
34Kb / 2P
Silicon MOS IC
MIP160 PANASONIC-MIP160 Datasheet
64Kb / 2P
Silicon MOS IC
MIP301 PANASONIC-MIP301 Datasheet
33Kb / 2P
Silicon MOS IC
MIP501 PANASONIC-MIP501 Datasheet
38Kb / 3P
Silicon MOS IC
MIP506 PANASONIC-MIP506 Datasheet
30Kb / 2P
Silicon MOS IC
MIP508 PANASONIC-MIP508 Datasheet
30Kb / 2P
Silicon MOS IC
MIP704 PANASONIC-MIP704 Datasheet
30Kb / 2P
Silicon MOS IC
MIP803 PANASONIC-MIP803 Datasheet
34Kb / 2P
Silicon MOS IC
MIP805 PANASONIC-MIP805 Datasheet
35Kb / 2P
Silicon MOS IC
MIP713 PANASONIC-MIP713 Datasheet
73Kb / 3P
Silicon MOS IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com