Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMP-Q1260 Datasheet(PDF) 5 Page - Abracon Corporation

Part # ACMP-Q1260
Description  Automotive Power Common Mode Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACMP-Q1260 Datasheet(HTML) 5 Page - Abracon Corporation

  ACMP-Q1260 Datasheet HTML 1Page - Abracon Corporation ACMP-Q1260 Datasheet HTML 2Page - Abracon Corporation ACMP-Q1260 Datasheet HTML 3Page - Abracon Corporation ACMP-Q1260 Datasheet HTML 4Page - Abracon Corporation ACMP-Q1260 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Automotive Power Common Mode Chokes
ACMP-Q1260
12.0 x 11.0 x 6.0 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release
3/31/2022
Tape & Reel: 500pcs/reel
W
P
E
F
P0
P2
Bo
Ao
Ko
D
D1
t
24.0
±0.30
16
±0.10
1.75
±0.10
11.5
±0.10
4.0
±0.10
2.0
±0.10
13.5
±0.10
12.0
±0.10
6.4
±0.10
1.5
+0.10/-0
1.5
±0.10
0.5
±0.05
Dimensions: mm
Series
A
B
C
D
ACMP-Q1260
24.0 ±0.5
100.0 ±2.0
13.5 ±0.5
330
ATTENTION: Abracon LLC’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependent Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization
from Abracon LLC is required. Please contact Abracon LLC for more information.
Packaging



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com