Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIW2000 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MIW2000
Description  3-4W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW2000 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MIW2000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
85
98
{13
{133
{15
MIW2037
85
98
{17
{167
{12
MIW2036
82
76
{30
{300
{5
MIW2035
85
98
27
267
15
MIW2034
85
98
33
333
12
MIW2033
82
84
66
660
5
MIW2032
78
5
10
79
90
900
3.3
48
( 18 ~ 75 )
MIW2031
83
201
{13
{133
{15
MIW2027
83
201
{17
{167
{12
MIW2026
80
156
{30
{300
{5
MIW2025
83
201
27
267
15
MIW2024
83
201
33
333
12
MIW2023
81
170
66
660
5
MIW2022
77
5
20
161
90
900
3.3
24
( 9 ~ 36 )
MIW2021
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
EN55022 Class A
Conducted EMI
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+71
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
2,500
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 75%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum output
loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
6. All DC/DC converters should be externally fused at
the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
MIW2000 Series
2
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com