Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIR511 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MIR511
Description  2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIR511 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MIR511 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIR511 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIR511 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIR511 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIR511 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIR511 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
58
142
{66
{15
MIR526
58
143
{83
{12
MIR525
45
93
{100
{5
MIR524
64
130
133
15
MIR523
63
131
165
12
MIR522
62
3
30
134
0
400
5
24
(21.6 ~ 26.4)
MIR521
59
280
{66
{15
MIR516
59
281
{83
{12
MIR515
45
185
{100
{5
MIR514
64
260
133
15
MIR513
63
262
165
12
MIR512
62
8
50
269
0
400
5
12
(10.8 ~ 13.2)
MIR511
57
695
{66
{15
MIR506
57
699
{83
{12
MIR505
42
476
{100
{5
MIR504
64
623
133
15
MIR503
63
629
165
12
MIR502
62
15
100
645
0
400
5
5
(4.5 ~ 5.5)
MIR501
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
EN55022 Class A
Conducted EMI
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-25
Case
Operating Temperature
]
+60
-25
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage. These
are not continuous operating ratings.
mW
2,000
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
30
-0.7
24VDC Input Models
VDC
15
-0.7
12VDC Input Models
VDC
7.5
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive
load, nominal input voltage, rated output
current unless otherwise noted.
2. Transient recovery time is measured to within
1% error band for a step change in output load
of 50% to 100%.
3. Ripple & Noise measurement bandwidth is
0-20 MHz.
4. All DC/DC converters should be externally
fused at the front end for protection.
5. Other input and output voltage may be
available, please contact factory.
6. Specifications subject to change without notice.
Absolute Maximum Ratings
MIR500 Series
2
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com