Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP25810L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP25810L
Description  USB Type-C, Downstream-Facing Port Controller with 3A Power Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP25810L Datasheet(HTML) 2 Page - Diodes Incorporated

  AP25810L Datasheet HTML 1Page - Diodes Incorporated AP25810L Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
Application Diagram
July 2022
Part Number
IN1 / IN2 Range
(VBUS/VCONN
Supply)
AUX Range
(Device
Supply)
Max Current
(VBUS)
Max Current
(VCONN)
Typ R
ON
(VBUS/VCONN)
Ambient
Temperature
Package
V
V
A
mA
mΩ
ºC
AP25810L
4.5 to 6.5
/
4.5 to 5.5
2.9 to 5.5
1.5 or 3
(Selectable)
250
30/365
-40 to 85
W-QFN3040-20
Product Portfolio
Ordering Information
Orderable
Part Number
Package
Code
Package
Moisture Sensitivity
Reel Size
Tape Width
Quantity
AP25810LDFZ20-13
DFZ
W-QFN3040-20
MSL 1
13 inches
8mm
3000
AP25810L
AUX PWR
AP25810L
FAULT
IN1
IN2
AUX
EN
OUT
CC2
GND
CC1
CHG
CHG_HI
REF_RTN
DEBUG
REF
LD_DET
UFP
POL
AUDIO
Thermal
Pad
6 x 100k
Ω
(optional)
Power Switch
Status Signals
Type-C DFP
Status Signals
4.5V~6.5V
4.5V~5.5V
2.9V~5.5V
Bus PWR
CC/VCONN PWR
100k
Ω (1%)
120µF
Control
Signals
10µF
VBUS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com