Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61302Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP61302Q
Description  5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61302Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP61302Q Datasheet HTML 1Page - Diodes Incorporated AP61302Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
AP61300Q
AP61302Q
Typical Application
5V Automotive Compliant* DC-DC Buck Converter Portfolio
Ordering Information
April 2022
Efficiency vs. Output Current
Part
Number
VIN
Range (V)
VOUT
Range
(V)
Output
Current
(A)
HS/LS
R
DS(on)
(m
Ω)
Mode
Prog.
Switching
Frequency
(MHz)
IQ
(µA)
Ambient
Temperature
(
C)
Power
Good
Package
AP61300Q
2.4
– 5.5
0.6
– VIN
3
70 / 50
Yes
2.2
19
-40 to +125
No
SOT563
AP61302Q
2.4
– 5.5
0.6
– VIN
3
70 / 50
Yes
2.2
19
-40 to +125
Yes
SOT563
AP61100Q
2.3
– 5.5
0.6
– 3.6
1
110 / 80
Yes
2.2
15
-40 to +125
No
SOT563
AP61102Q
2.3
– 5.5
0.6
– 3.6
1
110 / 80
Yes
2.2
15
-40 to +125
Yes
SOT563
Orderable
Part Number
Compliance
(Only Automotive
Supports PPAP)
Package
Code
Package
Identification
Code
Moisture
Sensitivity
Reel
Size
Tape
Width
Quantity
AP61300QZ6-7
Automotive
Z6
SOT563
HPQ
MSL-1
7 inches
8mm
3000
AP61302QZ6-7
Automotive
Z6
SOT563
HRQ
MSL-1
7 inches
8mm
3000
AP61300Q
VIN
EN
SW
FB
GND
INPUT
R1
200kΩ
R2
100kΩ
C2
22µF
C1
22µF
OUTPUT
VOUT
1.8V
OUT
L
1μH
* Automotive compliant
– AEC-Q100 grade 1 qualified in IATF 16949 certified manufacturing sites and supports PPAP documentation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com