Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64202Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP64202Q
Description  40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64202Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP64202Q Datasheet HTML 1Page - Diodes Incorporated AP64202Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
Typical Application
Ordering Information
Orderable Device
Package
Code
Package
Moisture
Sensitivity
Reel Size
Quantity
AP64060QWU-7
WU
TSOT26
MSL-1
7 inches
3,000
August 2022
AP64060Q
L1
R1
115k
Ω
R2
22.1k
Ω
C5
100nF
COUT
2x10 µF
CIN
2.2
µF
5
VIN
4
EN
6
SW
1
BST
3
FB
2
GND
OUTPUT
C4
OPEN
.
OFF
Part
Number
V
IN
Range
(V)
V
OUT
Range
(V)
Output
Current
(A)
LS / HS
R
DS(ON)
(m
Ω)
Switching
Frequency
(kHz)
I
Q
(µA)
Key Features
Ambient
Temperature
(
C)
AEC-
Q100
Grade
Package
Adj.
f
SW
Ext.
Sync
Ext.
Comp
Adj.
SS
AP64060Q 3.8
– 40 0.8 - 24
0.60
600/300
2200
90
-
-
-
-
-40 to +125
1
TSOT26
AP64100Q
3.8
– 40 0.8 - V
IN
1.0
150 / 80 100 - 2200
25
Y
Y
Y
-
-40 to +125
1
SO-8EP
AP64102Q
Y
Y
-
Y
AP64200Q
3.8
– 40 0.8 - V
IN
2.0
150 / 80 100 - 2200
25
Y
Y
Y
-
-40 to +125
1
SO-8EP
AP64202Q
Y
Y
-
Y
AP64350Q
3.8
– 40 0.8 - V
IN
3.5
75 / 45
100 - 2200
22
Y
Y
Y
-
-40 to +125
1
SO-8EP
AP64351Q
570
-
-
Y
Y
AP64352Q
100 - 2200
Y
Y
-
Y
AP64500Q
3.8
– 40 0.8 - V
IN
5.0
45 / 20
100 - 2200
25
Y
Y
Y
-
-40 to +125
1
SO-8EP
AP64501Q
570
-
-
Y
Y
AP64502Q
100 - 2200
Y
Y
-
Y
40V Automotive-Compliant Buck Converter Portfolio
AP64060Q



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com