Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-1150G-RVAE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-1150G-RVAE
Description  15 XGA Industrial Monitor with Resistive Touchscreen and VGA / HDMI Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-1150G-RVAE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-1150G-RVAE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-1150G-RVAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial monitors
Features
FPM-1150G
Specifications
General
ƒ
Button Controls
Front iKey-type OSD buttons
ƒ
Certification
CCC, CE, FCC, UL
ƒ
Dimensions (W x H x D) 392.3 x 313.6 x 51.2 mm (15.44" x 12.35" x 2.02")
ƒ
Enclosure
Front panel: Die-casting aluminium,
Rear cover: Die-casting aluminium
ƒ
Mounting
Panel, wall, desktop, VESA arm
ƒ
Power Input
External 60 W power adapter, with AC 100 V ~ 240 V
input and DC +12 V @ 5 A output (included)
ƒ
Video Port
VGA / HDMI
ƒ
Weight (Net)
4kg (8.82 lb)
LCD Display
ƒ
Display Type
XGA TFT LCD with LED backlight
ƒ
Display Size
15"
ƒ
Max. Resolution
1024 x 768
ƒ
Max. Color
16.2M
ƒ
Viewing Angle (H/V)°
160°(V),140°(H)
ƒ
Luminance (cd/m2)
300
ƒ
Backlight Life (hrs)
70,000
ƒ
Contrast Ratio
2000:1
ƒ 15" XGA TFT LED LCD with 70,000 backlight life time
ƒ Robust design with aluminum front panel
ƒ Supports VGA or HDMI interface with USB touchscreen
ƒ Supports panel, wall, desktop, or VESA arm mounting
ƒ Lockable HDMI port (optional)
Touchscreen
ƒ
Interface Combo
USB Interface
ƒ
Lifespan
36 million times with R8 silicone rubber finger,
@ 2 250g presses per second
ƒ
OS Support
Windows® 7, 8, 10, XPe, CE and Linux
Environment
ƒ
Operation Temperature 0 ~ 50°C (32 ~ 122°F)
ƒ
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
ƒ
Humidity (Storage)
10 ~ 95% non-condensing
ƒ
Waterproof
Front Panel IP65 Compliant
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (operating, random)
Ordering Information
ƒ
FPM-1150G-RVAE
15" XGA Industrial monitor W/ res, touch & VGA input
(adapter included)
ƒ
FPM-1150G-RHAE
15" XGA Industrial monitor W/ res, touch & HDMI
input (adapter included)
15" XGA Industrial Monitor with
Resistive Touchscreen and VGA / HDMI
Port
Introduction
In IoT and Industry 4.0, more and more customers need data to be visualized to help management decision making. FPM-1150G is an industrial-grade 15 TFT LCD monitor with
LED backlight flat panel and a changeable front bezel (with updated appearance). FPM-1150G provides an entry level industrial monitor not only for industrial applications but also
for a variety of IoT scenarios. The FPM-1150G front bezel can be changed to stainless steel for those applications requiring anti-corrosion or clean environments. In conclusion,
FPM-1150G is a highly reliable, tough, and adaptable display solution for Industry 4.0 and IoT.
NEW
All product specifications are subject to change without notice.
Last updated: 22-Oct-2018


Similar Part No. - FPM-1150G-RVAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-115W ADVANTECH-FPM-115W Datasheet
348Kb / 2P
15.6 / 21.5
30-Oct-2020
FPM-115W-P7AE ADVANTECH-FPM-115W-P7AE Datasheet
348Kb / 2P
15.6 / 21.5
30-Oct-2020
More results

Similar Description - FPM-1150G-RVAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-2150G ADVANTECH-FPM-2150G Datasheet
231Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3060G ADVANTECH-FPM-3060G Datasheet
610Kb / 2P
6.5 VGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3120G ADVANTECH-FPM-3120G Datasheet
669Kb / 2P
12.1 SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3150G ADVANTECH-FPM-3150G Datasheet
651Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5151G ADVANTECH-FPM-5151G Datasheet
505Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-2120G ADVANTECH-FPM-2120G_15 Datasheet
356Kb / 2P
12" SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2150G ADVANTECH-FPM-2150G_15 Datasheet
335Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3151G ADVANTECH-FPM-3151G_15 Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
ITM-5115 ADVANTECH-ITM-5115_15 Datasheet
479Kb / 2P
15" XGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com