Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3121G-R3BE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-3121G-R3BE
Description  12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3121G-R3BE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-3121G-R3BE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3121G-R3BE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
FPM-3121G
Specifications
General
ƒ
OSD Controls
OSD control pad on front side with lockable function
Two user-defined contrast/brightness settings
ƒ
Certification
CE, FCC Class A, BSMI, CCC, UL, Energy Star
ƒ
Dimensions (W x H x D) 312 x 224 x 60 mm (12.28 x 8.82 x 2.36 in)
ƒ
Enclosure
Front panel: Aluminum with hard anodized coating
Rear cover: Stainless steel chassis
with ground isolation protection
ƒ
Mount Options
Panel, VESA arm, wall, or desktop with optional
mounting kit
ƒ
Power Input
Phoenix Jack: 24 VDC input
DC Jack: 12 VDC input
ƒ
Power Consumption
13W +20%
ƒ
Video Port
VGA & DVI-D Port
ƒ
Weight (Net)
4.07 kg (8.975 lbs)
LCD Display
ƒ
Display Type
XGA TFT LCD
ƒ
Backlight Type
LED
ƒ
Display Size
12.1"
ƒ
Max. Resolution
1024 x 768
ƒ
Max. Color
16.2M (RGB 8-bit)
ƒ
Viewing Angle (H/V °) 160 / 140
ƒ
Luminance (cd/m2)
600
ƒ
Operation Life
50,000 hr
ƒ
Contrast Ratio
700:1
ƒ
12.1" XGA TFT LED LCD with 50K backlight lifetime
ƒ
Robust anodized aluminum-coated front bezel and stainless steel rear cover
ƒ
Wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F)
ƒ
Increased reliability with enhanced 5-wire resistive touch sensor
ƒ
Anti-glare screen with tempered glass and IP65-certified front panel
ƒ
Ground isolation protection for entire system
ƒ
Supports VGA/DVI input, dual touch interfaces, and two power inputs
ƒ
Front-lockable OSD keys with user-defined functions
ƒ
IP65-rated front panel
ƒ
Supports panel, VESA, wall, desktop, and stand mounting
Introduction
The FPM-3121G is an extremely rugged and reliable 12.1" XGA industrial monitor aimed at diverse industrial applications. Equipped with a hard anodized-aluminum coating, stainless
steel chassis, and wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F), FPM-3151G can withstand operation in a wide range of harsh industrial environments. This monitor
also features enhanced 5-wire resistive touch control and overall ground isolation protection to enhance the system’s reliability. Additionally, the FPM-3121G is equipped with lockable
OSD keys on the front panel that control two user-defined function settings.
Touchscreen
ƒ
Driver
Penmount 6000
ƒ
Type
5-wire resistive with enhanced ITO film
ƒ
Interface
USB & RS-232 (Combo)
ƒ
Lifespan
36 million with a silicone rubber of R8 finger, writing
rate is by 250g at 2 times/s
ƒ
Light Transmission
> 80%
ƒ
OS Support
Windows XP,2000,Vista,7,8/8.1,10 , XP/7/8/10
Embedded,CE,Linux
ƒ
Power Consumption
+5 V @ 100 mA
ƒ
Touch Resolution
Linearity
Environment
ƒ
Operating Temperature -20 ~ 60 °C (-4 ~ 140 °F)
ƒ
Storage Temperature
-30 ~ 80 °C (-22 ~ 176 °F)
ƒ
Humidity (Storage)
90%@50 °C non-condensing
ƒ
IP Rating
Front panel is IP65 compliant
ƒ
Shock
11ms, 10G (Non Operating, Half Sine Wave)
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
ƒ
FPM-3121G-R3BE
12.1" SVGA Ind. Monitor w/ Wide Temp, Resistive TS
12.1" XGA Industrial Monitor with
Resistive Touch Control, Direct VGA, DVI
Ports, and Wide Operating Temperature
All product specifications are subject to change without notice.
Last updated: 18-Feb-2022


Similar Part No. - FPM-3121G-R3BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3121G-R3AE ADVANTECH-FPM-3121G-R3AE Datasheet
340Kb / 2P
12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
More results

Similar Description - FPM-3121G-R3BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3150G ADVANTECH-FPM-3150G Datasheet
651Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5151G ADVANTECH-FPM-5151G Datasheet
505Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-3121G ADVANTECH-FPM-3121G_15 Datasheet
340Kb / 2P
12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
FPM-3151G ADVANTECH-FPM-3151G_15 Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
FPM-3171G ADVANTECH-FPM-3171G_V01 Datasheet
352Kb / 2P
8U Rackmount, 17 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and a Wide Operating Temperature Range
27-Jun-2018
FPM-3191G ADVANTECH-FPM-3191G_V01 Datasheet
342Kb / 2P
9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
8-Sep-2020
FPM-7061T ADVANTECH-FPM-7061T Datasheet
529Kb / 2P
6.5 VGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature
27-Jun-2018
FPM-7121T ADVANTECH-FPM-7121T Datasheet
451Kb / 2P
12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-3151G ADVANTECH-FPM-3151G Datasheet
452Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
27-Jun-2018
FPM-7151T ADVANTECH-FPM-7151T Datasheet
447Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com