Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R100E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R100E
Description  6th Gen Intel Core i7-6822EQ QC/i5-6442EQ QC Rugged FullHD NVR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R100E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R100E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R100E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R100E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ARK-2250S
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
Ordering Information
Part No.
CPU
HDMI GbE USB 3.0 DIO
RS-232/422/485
Audio
MiniPCIe M.2 SIM 2.5" SATA
Drive Bay
Operating
Temp.
ARK-2250S-U0A1E
Intel Core i7-6822EQ QC
2
2
3
4Di, 4Do
3
Lin-out,
Line-in, MIC
2
1
2
1
-20 ~ 70 °C
ARK-2250S-S9A1E
Intel Core i5-6442EQ QC
2
2
3
4Di, 4Do
3
Lin-out,
Line-in, MIC
2
1
2
1
-20 ~ 70 °C
Note: Memory, storage and operating system bundled by request.
Packing List
Part Number
Description
-
1 x ARK-2250S Unit
-
1 x User Manual (Simplified Chinese)
-
1 x China RoHS
1960071555N011
2 x Wall Mounting Brackets
Optional Embedded OS
Part Number
Description
20706WX6HS0008
Win10 IoT Ent LTSB 2016 MultiLang 64bit (ARK-2250S-U0A1E)
20706WX6VS0014
Win10 IoT Ent LTSB 2016 MultiLang 64bit (ARK-2250S-S9A1E)
20706WE7ES0004
WES7E 64bit ASIA 4 MUI
Note: Default BIOS is for 64bit OS support only. 32bit OS will need to update BIOS
Optional Item for Default SKU
Part Number
Description
96PSA-A150W24T2
AC-to-DC Adapter, DC24V/150W
1702002600
Power cable 3-pin 183cm, USA type
1702002605
Power cable 3-pin 183cm, EU type
1702031801
Power cable 3-pin 183cm, UK type
ARK-2250S
ARK-2250S+AMK-R100E
SSD/HDD
ON/OFF COM3
HDMI2 HDMI1
USB 3.0
Audio
COM1 COM2
Optional I/O
DIO
Remote Control
DC INPUT
LAN
USB 3.0
SIM DC OUTPUT
Optional I/O
SSD/HDD
ON/OFF COM3
HDMI2 HDMI1
USB 3.0
Audio
COM1 COM2
Optional I/O
DIO
Remote Control
DC INPUT
LAN
USB 3.0
SIM DC OUTPUT
Optional I/O
260
276.20
288.20
260
276.20
288.20
73.80
100.20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com