Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R105E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R105E
Description  6th Gen Intel Core i7-6822EQ QC/i5-6442EQ QC Rugged FullHD NVR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R105E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R105E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R105E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R105E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fanless Embedded Box PCs
Features
ARK-2250S
ƒ Intel i7-6822EQ QC/ Intel i5-6442EQ QC SoC
ƒ Support TPM2.0
ƒ Extreme graphic performance, support up to 1080p 120fps video
encode&decode
ƒ Stackable extension design, option extension kit for applications
ƒ Isolated 12 ~ 24VDC wide-range power input
ƒ Diversity communication extensible, ex. WLAN, WWAN
ƒ Anti-vibration & shock proof, certified by MIL-STD-810G
ƒ NEMA TS2-certified, -34 ~ 74 °C
ƒ Certified for general standard, CE, FCC, CB, UL, CCC and BSMI
ƒ Built-in Advantech remote management software WISE-PaaS/RMM
6th Gen Intel Core i7-6822EQ QC/i5-6442EQ QC
Rugged FullHD NVR
Specifications
ARK-2250S-U0A1E
ARK-2250S-S9A1E
Processor System
CPU
Intel i7-6822EQ QC SoC
Intel i5-6442EQ QC SoC
Frequency
2.0GHz
1.9GHz
Cache
8 MB
6 MB
BIOS
AMI EFI
Memory
Technology
DDR4 2133MHz
Max. Capacity
32G
Socket
2 x 260-pin SO-DIMM
Graphics
Chipset
QM170
Graphic Engine
DirectX 11.3, OGL 4.4, OCL 2.1
Encode: H.264, MPEG2/4, VC1, WMV9
Decode: H.264, MPEG2
HEVC: H.265
HDMI
HDMI 1.4a for HD video playback, 1080P at 60Hz
Dual Display
Dual HDMI
Ethernet
LAN1
10/100/1000 Mbps Intel i219 GbE, support Wake On Lan
LAN2
10/100/1000 Mbps Intel i210 GbE, support Wake On Lan
Audio
Interface
Realtek ALC888S, High Definition Audio. Line-out,Mic-in,Line-in
IO Interface
Serial Ports
3 x RS-232/422/485 port with auto flow control
USB Interface
3 x USB3.0 Type A
GPIO
4 x DI & 4 x DO w/ 1.5KV isolation, Input Voltage: 0 to 30 VDC, Output Current: Max. 500 mA per channel,
On-state Voltage: 24 VDC nominal, open collector to 30 VDC
CANBus
Optional
Other
Watchdog timer
255 levels timer interval, setup by software
GPS (Option)
On board standalone GPS, support GPS, GLONASS, BeiDou and QZSS signals (Option)
G-Sensor (Option)
On board high resolution G-Sensor, up to 13-bit resolution at ±16g (Option)
Expansion
Mini PCIe
#1, Full-size Mini PCIe (SATA/PCIe/USB) w/external SIM socket
#2, Full-size Mini PCIe (PCIe/USB) w/external SIM socket
#3, M.2 2230 E key
Storage
SSD/HDD
1 x 2.5" SATA drive bay
mSATA
1 x full size mSATA socket (Mini PCIe #1)
Software Support
Microsoft Windows
Win7, WES7, Win8, WSE8, Win10
Linux
Support by project
Power Requirement
Power Type
ATX
Power Input Voltage
12~24VDC w/isolation
Isolation
1.5 KV
Power Consumption
Typical
22W
Max.
45W
Mechanical
Construction
Aluminum housing
Mounting
Wall mounting kit
Dimensions (W x H x D)
260 x 73 x 160.2mm
Weight
3.2 Kg
Environment
Operating Temperature
With extended temperature peripherals: -20 ~ 70 °C with 0.7m/s air flow
Storage Temperature
- 40 ~ 85 °C ( -40 ~ 185 °F)
Relative Humidity
95% @ 40 °C (non-condensing)
Vibration During Operation
MIL-STD-810G, Method 514.6
Shock During Operation
MIL-STD-810G, Method 516.6
EMC
CE, FCC Class B, CCC, BSMI
Transportation
NEMA TS2-2016 Environmental
Safety
UL, CCC, BSMI, CB
RoHS
COMPLIANT
2002/95/EC
LISTED
E180881
C ®
UL US
All product specifications are subject to change without notice.
Last updated: 27-May-2019


Similar Part No. - AMK-R105E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R105E ADVANTECH-AMK-R105E Datasheet
1Mb / 3P
EN50155 Intel® Atom E3845 SoC Rolling Stock Fanless System
3-Aug-2022
More results

Similar Description - AMK-R105E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA500 AXIOMTEK-CAPA500 Datasheet
341Kb / 1P
LGA1151 6th/7th gen Intel짰 Core??i7/i5/i3 processor
PICO500 AXIOMTEK-PICO500_17 Datasheet
330Kb / 1P
Pico-ITX SBC with 6th Gen Intel Core i7/i5/i3 & Celeron Processors
logo
Advantech Co., Ltd.
ARK-2250R ADVANTECH-ARK-2250R Datasheet
2Mb / 3P
6th Gen Intel Core i7-6822EQ QC/i5-6442EQ QC Rolling Stock Fanless System
27-May-2019
ARK-2250V ADVANTECH-ARK-2250V Datasheet
2Mb / 3P
6th Gen Intel Core i7-6822EQ QC/i5-6442EQ QC In-vehicle Fanless System
22-May-2019
AIR-200 ADVANTECH-AIR-200 Datasheet
1Mb / 2P
Edge AI Inference Rugged System with 6th Gen Intel® Core i5-6442EQ QC and Two Intel MA2485 VPUs
16-Dec-2020
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
TS-206 ADVANTECH-TS-206 Datasheet
1Mb / 3P
In-Vehicle Full HD NVR w/4 PoE Ports 6th Gen. Intel® Core i7 6600U / Core i5 6300U SoC Fanless Box PC
15-Oct-2021
logo
BCM Advanced Research.
ARC-1232-B BCM-ARC-1232-B Datasheet
489Kb / 2P
12.1” 6th Gen Intel® ULT Core™ Processor i7/i5/i3 Fanless Rugged Touch Panel PC with IET Expansion
7/31/2018
ECM-SKLU BCM-ECM-SKLU Datasheet
360Kb / 1P
6th Gen Intel® Core™ SoC Processor i7/i5/i3 3.5”Micro Module
EMS-TGL BCM-EMS-TGL Datasheet
788Kb / 1P
11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com