Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP708 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MIP708
Description  Silicon MOS IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP708 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MIP708 Datasheet HTML 1Page - Panasonic Semiconductor MIP708 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
unit: mm
1
Intelligent Power Devices (IPDs)
1: IN
2: Drain
3: Source
EIAJ: SC-62
Mini-Power Type Package (3-pin)
4.5±0.1
3.0±0.15
1.5±0.1
0.4±0.08
0.5±0.08
1.5±0.1
0.4±0.04
1.6±0.2
45˚
marking
321
Gate cut-off circuit
ESD
protection
Over current
protection
Over voltage
protection
S
IN
D
Short circuit load
protection
Over heat
protection
MIP708
Silicon MOS IC
s Features
q 3-pin intelligent power device
q Five protective functions (over-current, over-voltage, short circuit
load, over heat, ESD) built-in
q Acceptable both AC and DC power supply
s Applications
q For lamp and solenoid drive
s Block Diagram
s Absolute Maximum Ratings (Ta = 25°C)
Parameter
Output voltage
Output peak current
Output current
Input voltage
Input current
Drain clamp energy
Allowable power
dissipation
Operating ambient temperature
Channel temperature
Storage temperature
Symbol
VDS
IOP
IO
VIN
IIN
ECLP
PD1
PD2
Topr
Tch
Tstg
Ratings
40
±3
±1
− 0.5 to 6
±5
24*
1
1*
2
2
−40 to +125
150
−55 to +150
Unit
V
A
A
V
mA
mJ
W
W
°C
°C
°C
*1 L = 10mH, IL = 2.19A, VDD = 20V, 1pulse, TC = 25°C
*2 Mounting on the PCB (the copper foil of the drain portion has a area of 100mm2 or more and the thickness of glass epoxy
board is 1.7mm.)
Ta = 25°C
TC = 25°C


Similar Part No. - MIP708

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP704 PANASONIC-MIP704 Datasheet
30Kb / 2P
Silicon MOS IC
MIP705 PANASONIC-MIP705 Datasheet
30Kb / 2P
Silicon MOS IC
More results

Similar Description - MIP708

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP0221SY PANASONIC-MIP0221SY Datasheet
34Kb / 2P
Silicon MOS IC
MIP160 PANASONIC-MIP160 Datasheet
64Kb / 2P
Silicon MOS IC
MIP301 PANASONIC-MIP301 Datasheet
33Kb / 2P
Silicon MOS IC
MIP501 PANASONIC-MIP501 Datasheet
38Kb / 3P
Silicon MOS IC
MIP504 PANASONIC-MIP504 Datasheet
29Kb / 2P
Silicon MOS IC
MIP506 PANASONIC-MIP506 Datasheet
30Kb / 2P
Silicon MOS IC
MIP508 PANASONIC-MIP508 Datasheet
30Kb / 2P
Silicon MOS IC
MIP704 PANASONIC-MIP704 Datasheet
30Kb / 2P
Silicon MOS IC
MIP803 PANASONIC-MIP803 Datasheet
34Kb / 2P
Silicon MOS IC
MIP713 PANASONIC-MIP713 Datasheet
73Kb / 3P
Silicon MOS IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com