Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2D09R Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

Part # S2D09R
Description  2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

S2D09R Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

  S2D09R Datasheet HTML 1Page - Minmax Technology Co., Ltd. S2D09R Datasheet HTML 2Page - Minmax Technology Co., Ltd. S2D09R Datasheet HTML 3Page - Minmax Technology Co., Ltd. S2D09R Datasheet HTML 4Page - Minmax Technology Co., Ltd. S2D09R Datasheet HTML 5Page - Minmax Technology Co., Ltd. S2D09R Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The S2D00R converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical
characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.
NC: No Connection
-Vin
-Vin
24
-Vin
-Vin
23
+Vout
NC
15
UL94V-0
:
Flammability
NC
NC
14
-Vout
+Vout
13
12.1g
:
Weight
NC
-Vout
12
Common
NC
11
Non-Conductive Black Plastic
:
Case Material
Common
NC
10
+Vin
+Vin
2
1.25*0.80*0.40 inches
+Vin
+Vin
1
31.8*20.3*10.2 mm
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
Dual Output
Single Output
31.8 [1.25]
2.0 [0.08]
Bottom
Side
12
11
10
12
15 14 13
24 23
0.50 [0.020]
2.54 [0.100]
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Dimensions
S2D00R Series
6
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com