Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2D06R Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # S2D06R
Description  2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

S2D06R Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  S2D06R Datasheet HTML 1Page - Minmax Technology Co., Ltd. S2D06R Datasheet HTML 2Page - Minmax Technology Co., Ltd. S2D06R Datasheet HTML 3Page - Minmax Technology Co., Ltd. S2D06R Datasheet HTML 4Page - Minmax Technology Co., Ltd. S2D06R Datasheet HTML 5Page - Minmax Technology Co., Ltd. S2D06R Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
62
202
{100
{15
S2D15R
62
134
{83
{12
S2D14R
63
198
200
15
S2D13R
63
131
165
12
S2D12R
60
15
25
138
0
400
5
24
(21.6 ~ 26.4)
S2D11R
62
403
{100
{15
S2D10R
62
268
{83
{12
S2D09R
63
397
200
15
S2D08R
63
262
165
12
S2D07R
60
30
50
277
0
400
5
12
(10.8 ~ 13.2)
S2D06R
62
639
{66
{15
S2D05R
62
642
{83
{12
S2D04R
63
633
133
15
S2D03R
63
628
165
12
S2D02R
60
70
100
666
0
400
5
5
(4.75 ~ 5.25)
S2D01R
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-25
Case
Operating Temperature
]
+71
-25
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
3,000
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
30
-0.7
24VDC Input Models
VDC
15
-0.7
12VDC Input Models
VDC
7.5
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 50%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. All DC/DC converters should be externally fused at
the front end for protection.
5. Other input and output voltage may be available,
please contact factory.
6. Specifications subject to change without notice.
Absolute Maximum Ratings
S2D00R Series
2
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com