Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWDM2L-9SSB Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MWDM2L-9SSB
Description  Micro-D Metal Shell MWDM Solder Cup Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM2L-9SSB Datasheet(HTML) 1 Page - Glenair, Inc.

  MWDM2L-9SSB Datasheet HTML 1Page - Glenair, Inc. MWDM2L-9SSB Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
B-2
E-Mail: sales@glenair.com
Micro-D Metal Shell
MWDM Solder Cup Connectors
Micro-D Solder Cup Termination–These connectors
feature gold-plated TwistPin contacts for best
performance. Use with #26 or smaller stranded or solid
wire. Specify nickel-plated shells or cadmium plated
shells for best availability.
Now Available With #24 Gage Contacts–AWG 24 wire
offers increased mechanical strength and lower voltage
drop. Glenair Micro-D solder cup connectors are now
compatible with 24 gage stranded or solid wire. Specify
“N” for 24 gage pin contacts, or “T” for 24 gage socket
contacts.
HOW TO ORDER METAL SHELL SOLDER CUP MICRO-D CONNECTORS
Series
Shell Material and
Finish
Insulator
Material
Contact Layout
Contact Type
Termination
Type
Hardware
MWDM
Aluminum Shell
1 – Cadmium
2 – Nickel
4 – Black Anodize
5 – Gold
6 – Chem Film
Stainless Steel Shell
3 – Passivated
L – LCP
30% Glass-Filled
Liquid Crystal
Polymer
9
15
21
25
31
37
51
51-2
67
69
100
Size #26 Solder
Cup Contacts
(Standard)
P – Pin
S – Socket
Size #24 Solder
Cup Contacts
N – Pin
T – Socket
S – Solder Cup
B
P
M
M1
S
S1
L
K
F
R
See Micro-D
Mounting Hardware
Options Below
Sample Part Number
MWDM
2
L –37
S
S
B
MICRO-D MOUNTING HARDWARE
B
P
M
M1
S
S1
L
K
F
R
Thru-Hole
Order
Hardware
Separately
Jackpost
Removable
Includes Nut
and Washer
Jackscrew
Hex Head
Removable
E-ring
Jackscrew
Hex Head
Removable
E-ring
Extended
Jackscrew
Slot Head
Removable
E-ring
Jackscrew
Slot Head
Removable
E-ring
Extended
Jackscrew
Hex Head
Non-
Removable
Jackscrew
Slot Head
Non-
Removable
Extended
Float Mount
For Front
Panel
Mounting
Float Mount
For Rear
Panel
Mounting


Similar Part No. - MWDM2L-9SSB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM2L-9S-4C3 GLENAIR-MWDM2L-9S-4C3 Datasheet
163Kb / 2P
Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
MWDM2L-9S-4C4 GLENAIR-MWDM2L-9S-4C4 Datasheet
163Kb / 2P
Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
MWDM2L-9S-4J GLENAIR-MWDM2L-9S-4J Datasheet
183Kb / 2P
Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
MWDM2L-9S-4K GLENAIR-MWDM2L-9S-4K Datasheet
183Kb / 2P
Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
MWDM2L-9S-5C3 GLENAIR-MWDM2L-9S-5C3 Datasheet
163Kb / 2P
Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
More results

Similar Description - MWDM2L-9SSB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-030-1-9P GLENAIR-240-030-1-9P Datasheet
156Kb / 2P
Micro-D Filter Connectors Solder Cup
MWDL-9PSB GLENAIR-MWDL-9PSB Datasheet
144Kb / 2P
MWD Series Micro-D Plastic Shell Solder Cup
MWDM1L-GP-4K GLENAIR-MWDM1L-GP-4K Datasheet
407Kb / 2P
Micro-D Metal Shell MWDM Back-To-Back Unshielded Cable Assemblies
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-9P-4C3 GLENAIR-MWDM1L-9P-4C3 Datasheet
163Kb / 2P
Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
MWDM1L-9PBRP GLENAIR-MWDM1L-9PBRP Datasheet
477Kb / 4P
Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBRP GLENAIR-MWDM1L-9PCBRP Datasheet
478Kb / 4P
Micro-D Metal Shell Printed Circuit Board Connectors
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
Micro-D MWDM Insulated Wire Metal Shell Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com