Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2011 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2011
Description  2011 Series - Fast Acting GDT Surge Arrestor with FLAT® Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2011 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2011 Datasheet HTML 1Page - Bourns Electronic Solutions 2011 Datasheet HTML 2Page - Bourns Electronic Solutions 2011 Datasheet HTML 3Page - Bourns Electronic Solutions 2011 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2011 Series - Fast-Acting GDT Surge Arrestor with FLAT® Technology
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Packaging Specification
TAPE & REEL
The standard tape and reel packaging
contains 2,000 pieces per 13-inch reel.
330
(13)
13.0 ± 0.2
(.512 ± .008)
100.0
(3.94)
20.0
(.787) TYP.
24.5
(.965)
TYP.
TYP.
DIA.
TYP. DIA.
1.50 ± 0.10
(.059 ± .004)
DIA.
8.30 ± 0.05
(.327 ± .002)
DIA.
2.98 +0.10/-0.05
(.117 +.004/-.002)
12.00 ± 0.10
(.472 ± .004)
1.75 +0.10/-0.00
2.00 ± 0.10
(.079 ± .004)
4.00 ± 0.10
(.157 ± .004)
1.50 +0.10/-0.05
(.059 +.004/-.002)
DIA.
2.40 +0.25/-0.00
(.095 +.010/-.000)
93 °±2 °
0.40 ± 0.10
(.016 ± .004)
2.81 +0.20/-0.05
(.110 +.008/-.002)
2.46 +0.25/-0.00
(.097 +.010/-.000)
12.51 ± 0.10
(.493 ± .004)
(.069 +.004/-.000)
11.50 ± 0.10
(.453 ± .004)
24.00 ± 0.30
(.945 ± .012)
3.87 ± 0.10
(.153 ± .004)
5.65 +0.10/-0
(.223 +.004/-0)
2.98 ± 0.10
(.117 ± .004)
7.82 ± 0.10
(.308 ± .004)
1.71 ± 0.10
(.067 ± .004)
11.77 ± 0.10
(.463 ± .004)
CUT TAPE
Cut tape contains 500 pieces within a
carton box.
190
(7.48)
190
(7.48)
30
(1.18)
REV. B – 12/18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com