Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP72250 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP72250
Description  Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72250 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP72250 Datasheet HTML 1Page - Diodes Incorporated AP72250 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
AP72250
Typical Circuit Configuration
July 2022
Key Characteristics
AP72250
C 3
VIN
C 4
EN
B1, B2
SW
A1, A2
VOUT
A4
FB
A 3
GND
INPUT
R1
C4
R2
L
C2
2x22µF
C1
10µF
OUTPUT
B3
MODE
B4
PG
C1, C2
PGND
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Output Current (A)
VOUT = 3.3V
VOUT = 3.6V
VOUT = 4.2V
VOUT = 5.2V
Maximum Output Load with Input Voltage
Ordering Information
Orderable Part
Number
Package
Code
Package
Moisture
Sensitivity
Carrier
Tape Width
(mm)
Quantity
AP72250CJ12-7
CJ12
X1-WLB1713-12
MSL-1
7” Tape & Reel
12
3,000
Part
Number
Input
Voltage
Range
(V)
Output
Voltage
Range
(V)
Maximum
Output
Voltage
(V)
RDS(on)
(m
Ω)
Quiescent
Current
(mA)
Shutdown
Current
(µA)
Output
Current
(mA)
Switching
Frequency
(Hz)
Efficiency
(%)
Package
HS
LS
AP72250 0.6 to 5.5 1.7 to 5.5
5.5
20
26
20
2.5
2000
900
97
X1-WLB1713-12
Electrical Specification
Efficiency vs. Output Current
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
Output Current (A)
VIN = 3V
VIN = 3.6V
VIN = 4V
VOUT = 5.2V
PFM Operation for Improved
Light Load High Efficiency



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com