Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR34910 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APR34910
Description  Secondary-Side Synchronous Rectifier with Internal 10mΩ, 100V N-Channel MOSFET Increases Efficiency in up to 65W Adaptors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34910 Datasheet(HTML) 2 Page - Diodes Incorporated

  APR34910 Datasheet HTML 1Page - Diodes Incorporated APR34910 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
APR34910
Typical Application
Product Portfolio
Ordering Information
April 2022
Low-Side Configuration
High-Side Configuration
Part
Number
Supporting
Mode
Operating
Current
Turn-Off
Threshold
Voltage
Turn-Off
Delay
Turn-On
Delay
Drain
Rating
Switching
FET
R
DS(ON)
Package
µA
mV
ns
ns
V
m
Ω
APR34910
CCM/QR/DCM
190
-7
15
30
100
10
SO-8
Orderable Part Number
Package
Moisture
Sensitivity
Packing
Carrier
Quantity per Reel
APR34910S-13
SO-8
MSL-3
13” Tape and Reel
4000
VOUT
APR34910
GND
VDD
VDET
GND
DRAIN
DRAIN
DRAIN
DRAIN
VOUT
GND
VDD
VDET
APR34910
DRAIN
DRAIN
DRAIN
DRAIN
GND



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com