Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD05473 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DGD05473
Description  100V High-Frequency Gate Driver Raises System Power Efficiency While Saving Board Space
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD05473 Datasheet(HTML) 2 Page - Diodes Incorporated

  DGD05473 Datasheet HTML 1Page - Diodes Incorporated DGD05473 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
DGD0579U
Typical Application
High-side and Low-side Gate Drivers in W-DFN3030
Ordering Information
Orderable Part
Number
Package
Size (Typ.)
(mm)
Packing
Quantity
Carrier
DGD0579UFN-7
W-DFN3030-10 (Type TH)
3 x 3 x 0.75
3000
7” Reel (8mm tape)
January 2022
Product
Inputs
Offset
voltage
(Max.)
(V)
Output
current (Typ.)
Turn-on/ off
delay (Typ.)
Turn-on/ off
time(Typ.)
Package
IO+
(A)
IO-
(A)
tON
(ns)
tOF
(ns)
tR
(ns)
tF
(ns)
DGD0579U
HIN, LIN, EN
100
1.5
2.5
65
58
19
15
W-DFN3030-10
DGD05473
50
1.5
2.5
20
23
16
12
W-DFN3030-10
@TA= +25
°C
3-Phase BLDC Motor Control
Cross Reference
Part
Texas Instruments®
Monolithic Power Systems Inc®
DGD0579UFN-7
LM5108DRCR*
MP1907GQ-Z*
*Pin Equivalent; Electrical specifications are not
identical
Monolithic Power Systems Inc is a trademark of Monolithic Power Systems Inc Registered in
the United States.
Texas Instruments is a trademark of Texas Instruments Registered in the United States.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com