Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3EQX2004 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3EQX2004
Description  USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3EQX2004 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3EQX2004 Datasheet HTML 1Page - Diodes Incorporated PI3EQX2004 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
PI3EQX2024
Typical Application
April 2022
USB 3.2 Gen 2x2, USB Type-C, 20Gbps ReDriver Portfolio
Ordering Information
Orderable
Part Number
Packaging
Code
Package
Moisture
Sensitivity
Carrier
Quantity
PI3EQX2024ZTFEX
ZTF
UQFN2545-34
MSL-1
13’’ Tape & Reel
3500
PI3EQX2004ZHEX
ZH
TQFN9035-42
MSL-1
13’’ Tape & Reel
3500
Product
Protocols
Differential
Signal Pairs
Channel
Data Rate
Lanes/
Ports
Programming
Interface
Modern
Standby
Package
PI3EQX2024
USB 3.2 Gen 2x2
4
10Gbps
One 2x2
Port
Pin Mode
Yes
UQFN2545-34
PI3EQX2004
USB 3.2 Gen 2x2
4
10Gbps
One 2x2
Port
I2C
-
TQFN9035-42



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com