Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2E03 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # S2E03
Description  1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

S2E03 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  S2E03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. S2E03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. S2E03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. S2E03 Datasheet HTML 4Page - Minmax Technology Co., Ltd. S2E03 Datasheet HTML 5Page - Minmax Technology Co., Ltd. S2E03 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
75
133
{50
{15
S2E18
75
133
{63
{12
S2E17
75
133
{150
{5
S2E16
75
133
100
15
S2E15
75
133
125
12
S2E14
75
20
30
133
0
300
5
15
(13.5 ~ 16.5)
S2E13
75
167
{50
{15
S2E12
75
167
{63
{12
S2E11
75
167
{150
{5
S2E10
75
167
100
15
S2E09
75
167
125
12
S2E08
75
25
30
167
0
300
5
12
(10.8 ~ 13.2)
S2E07
75
400
{50
{15
S2E06
75
400
{63
{12
S2E05
75
400
{150
{5
S2E04
75
400
100
15
S2E03
75
400
125
12
S2E02
75
30
50
400
0
300
5
5
(4.5 ~ 5.5)
S2E01
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-55
Storage Temperature
]
+95
-40
Case
Operating Temperature
]
+85
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
1,000
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
21
-0.7
15VDC Input Models
VDC
17
-0.7
12VDC Input Models
VDC
7
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Ripple & Noise measurement bandwidth is 0-20
MHz.
3. All DC/DC converters should be externally fused at
the front end for protection.
4. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
5. Other input and output voltage may be available,
please contact factory.
6. Specifications subject to change without notice.
Absolute Maximum Ratings
S2E00 Series
2
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com