Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24070 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24070
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24070 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ24070 Datasheet HTML 9Page - Texas Instruments BQ24070 Datasheet HTML 10Page - Texas Instruments BQ24070 Datasheet HTML 11Page - Texas Instruments BQ24070 Datasheet HTML 12Page - Texas Instruments BQ24070 Datasheet HTML 13Page - Texas Instruments BQ24070 Datasheet HTML 14Page - Texas Instruments BQ24070 Datasheet HTML 15Page - Texas Instruments BQ24070 Datasheet HTML 16Page - Texas Instruments BQ24070 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
V
(DPPM−REG) + I(DPPM)
R
(DPPM)
SF
(1)
Case 2: USB Mode (Mode = L)
bq24070
SLUS694A – MARCH 2006 – REVISED MARCH 2006
FUNCTIONAL DESCRIPTIONS (continued)
1. This feature allows the designer to select a lower power wall adapter, if the average system load is
moderate compared to its peak power. For example, if the peak system load is 1.75 A, average system load
is 0.5 A and battery fast-charge current is 1.25 A, the total peak demand could be 3 A. With DPPM, a 2-A
adaptor could be selected instead of a 3.25-A supply. During the system peak load of 1.75 A and charge
load of 1.25 A, the smaller adaptor’s voltage drops until the output voltage reaches the DPPM regulation
voltage threshold. The charge current is reduced until there is no further drop on the output voltage. The
system gets its 1.75-A charge and the battery charge current is reduced from 1.25 A to 0.25 A. When the
peak system load drops to 0.5 A, the charge current returns to 1 A and the output voltage returns to its
normal value.
2. Using DPPM provides a power savings compared to configurations without DPPM. Without DPPM, if the
system current plus charge current exceed the supply’s current limit, then the output is pulled down to the
battery. Linear chargers dissipate the unused power (VIN-VOUT) × ILOAD. The current remains high (at current
limit) and the voltage drop is large for maximum power dissipation. With DPPM, the voltage drop is less
(VIN-V(DPPM-REG)) to the system which means better efficiency. The efficiency for charging the battery is the
same for both cases. The advantages include less power dissipation, lower system temperature, and better
overall efficiency.
3. The DPPM sustains the system voltage no matter what causes it to drop, if at all possible. It does this by
reducing the noncritical charging load while maintaining the maximum power output of the adaptor.
Note that the DPPM voltage, V
(DPPM), is programmed as follows:
where
R(DPPM) is the external resistor connected between the DPPM and VSS pins.
I(DPPM) is the internal current source.
SF is the scale factor as specified in the specification table.
The safety timer is dynamically adjusted while in DPPM mode. The voltage on the ISET1 pin is directly
proportional to the programmed charging current. When the programmed charging current is reduced, due to
DPPM, the ISET1 and TMR voltages are reduced and the timer’s clock is proportionally slowed, extending the
safety time. In normal operation V(TMR) = 2.5 V; and, when the clock is slowed, V(TMR) is reduced. When
V(TMR) = 1.25 V, the safety timer has a value close to 2 times the normal operation timer value. See Figure 5
through Figure 6.
System Power
In this case, the system load is powered from a USB port through the internal switch Q1 (see Figure 4). Note
that in this case, Q1 regulates the total current to the 100-mA or 500-mA level, as selected on the ISET2 input.
The output, VOUT, is regulated to 4.4 V. The system's power management is responsible for keeping its system
load below the USB current level selected (if the battery is critically low or missing). Otherwise, the output drops
to the battey voltage; therefore, the system should have a low-power mode for USB power application. The
DPPM feature keeps the output from dropping below its programmed threshold, due to the battery charging
current, by reducing the charging current.
Charge Control
When in USB mode, Q1 regulates the input current to the value selected by the ISET2 pin (0.1/0.5 A). The
charge current to the battery is set by the ISET1 resistor (typically > 0.5 A). Because the charge current typically
is programmed for more current than the USB current limit allows, the output voltage drops to the battery voltage
or DPPM voltage, whichever is higher. If the DPPM threshold is reached first, the charge current is reduced until
VOUT stops dropping. If VOUT drops to the battery voltage, the battery is able to supplement the input current to
the system.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com