Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9101 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # DM9101
Description  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button DM9101 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9101 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
Final
27
Version: DM9101-DS-F03
July 22, 1999
DAVICOM Specified Configuration Register (DSCR) - Register 16 (continued)
Bit
Bit Name
Default
Description
16.11
REPEATER
0, RW
Repeater/Node Mode:
1=Repeater mode
0=Node mode
In Repeater mode, the Carrier Sense (CRS) output from the
DM9101 will be asserted only by receive activity. In NODE
mode, or a mode not configured for Full Duplex operation, CRS
will be asserted by either receive or transmit activity.
The value of the RPTR/NODE input pin is latched into this bit at
power-up reset.
16.10
TX
1, RW
100Base-TX or FX Mode Control:
1=100Base-TX operation
0=100Base-FX operation
16.9
UTP
1, RW
UTP Cable Control:
1=The media is a UTP cable, 0=STP
16.8
CLK25MDIS
0, RW
CLK25M Disable:
1=CLK25M output clock signal tri-stated
0=CLK25M enabled
This bit should be set to 1 to disable the 25Mhz output and
reduce ground bounce and power consumption. For
applications requiring the CLK25M output, set this bit to 0.
16.7
F_LINK_100
0, RW
Force Good Link in 100Mbps:
0=Normal 100Mbps operation
1=Force 100Mbps good link status
This bit is useful for diagnostic purposes.
16.6
Reserved
1, RW
Reserved:
16.5
LINKLED_CTL
0, RW
LINKLED Mode Select:
0= Link LED output configured to indicate link status only
1= Link LED output configured to indicate traffic status: When
the link status is OK, the LED will be on. When the chip is in
transmitting or receiving, it flashes.
16.4
FDXLED_MODE
0, RW
FDXLED Mode Select:
1= FDXLED output configured to indicate polarity in 10Base-T
mode
0= FDXLED output configured to indicate Full Duplex mode
status for 10Mbps and 100Mbps operation
16.3
SMRST
0, RW
Reset State Machine:
When this bit is set to 1, all state internal machines will be
reset. This bit will clear after reset is completed.
16.2
MFPSC
0, RW
MF Preamble Suppression Control:
1= MF preamble suppression on
0= MF preamble suppression off
MII frame preamble suppression control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com