Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9101E Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM9101E
Description  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101E Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM9101E Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
Final
21
Version: DM9101-DS-F03
July 22, 1999
Basic Mode Control Register (BMCR) - Register 0
Bit
Bit Name
Default
Description
0.15
Reset
0, RW/SC
Reset:
1=Software reset
0=Normal operation
When set this bit configures the PHY status and control
registers to their default states. This bit will return a value of
one until the reset process is complete
0.14
Loopback
0, RW
Loopback:
Loopback control register
1=Loopback enabled
0=Normal operation
When in 100M operation is selected, setting this bit will cause
the descrambler to lose synchronization. A 720ms "dead time"
will occur before any valid data appears at the MII receive
outputs
0.13
Speed Selection
1, RW
Speed Select:
1=100Mbps
0=10Mbps
Link speed may be selected either by this bit or by Auto-
negotiation if bit 12 of this register is set. When Auto-
negotiation is enabled, this bit will return Auto-negotiation link
speed.
0.12
Auto-negotiation
Enable
1, RW
Auto-negotiation Enable:
1= Auto-negotiation enabled:
0= Auto-negotiation disabled:
When auto-negotiation is enabled bits 8 and 13 will contain the
Auto-negotiation results. When Auto-negotiation is disabled bits
8 and 13 will determine the duplex mode and link speed
0.11
Power Down
0, RW
Power Down:
1=Power Down
0=Normal Operation
Setting this bit will power down the DM9101 with the exception
of the crystal oscillator circuit
0.10
Isolate
(PHYAD=
00000),
RW
Isolate:
1= Isolate
0= Normal Operation
When this bit is set the data path will be isolated from the
MII interface. TX_CLK, RX_CLK, RX_DV, RX_ER,
RXD[3:0], COL and CRS will be placed in a high impedance
state. The management interface is not effected by this bit.
When the PHY Address is set to 00000 the isolate bit will be
set upon power-up/reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com