Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

451 Datasheet(PDF) 4 Page - 3M Electronics

Part # 451
Description  3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

451 Datasheet(HTML) 4 Page - 3M Electronics

  451 Datasheet HTML 1Page - 3M Electronics 451 Datasheet HTML 2Page - 3M Electronics 451 Datasheet HTML 3Page - 3M Electronics 451 Datasheet HTML 4Page - 3M Electronics 451 Datasheet HTML 5Page - 3M Electronics 451 Datasheet HTML 6Page - 3M Electronics 451 Datasheet HTML 7Page - 3M Electronics 451 Datasheet HTML 8Page - 3M Electronics 451 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
78-5102-0091-4 Rev F
3M™ Ribbon Cable Socket and Header, 451 and 452 Series, 1.27mm (0.050") pitch
4 of 9
5. Electrical Testing
6. Mechanical Testing
Description or
parameter
Values &
limits
Units
Requirement or conditions
Test standard or
method
Dielectric
withstanding voltage
1250
VDC
Measured between adjacent and opposing contacts.
No disruptive discharge during 1 minute duration.
Sea level with 70% relative humidity. Excludes cable.
EIA-364-20
Method A
Test Condition I
Dielectric
Breakdown voltage
1250
VDC
Ramp assembled pair at 500V/s until electrical arc.
Sea level with 70% relative humidity. Excludes cable.
EIA-364-20
Method A
Test Condition I
Insulation
resistance
>1 x 10^9
Ohms
Measured between adjacent and opposing contacts.
500 VDC for 1 minute duration.
EIA-364-21
EIA Current rating
32 - 50 poles
0.75
Amperes
30º C T rise above ambient, mated pair terminated to
cable, all poles powered.
EIA-364-70
Method 2
1.50
30º C T rise above ambient, mated pair terminated to
cable, 6 adjacent poles powered.
EIA Current rating
4 - 30 poles
0.75
Amperes
30º C T rise above ambient, mated pair terminated to
cable, all poles powered.
EIA-364-70
Method 2
1.50
30º C T rise above ambient, mated pair terminated to
cable, 6 adjacent poles powered.
Low Level
Connection
Resistance (LLCR)
<10 ∆ or
<30 ∆
Milliohms
Maximum ∆R contact resistance per mated interface
throughout testing. <30mOhm for Temperature Life.
<10mOhm for all other tests.
EIA-364-23
Description or
parameter
Values &
limits
Units
Requirement or conditions
Test standard or
method
Header pin retention
4.5
Newtons
(MIN)
Average/pin
EIA-364-29
Vibration
3.10
g
(gravitational
force)
Random, 15min each x, y, z planes. No strain relief
clip. Mated connectors shall exhibit no discontinuities
greater than 10ns during test, and 10 milliohm
maximum ΔR contact resistance throughout testing.
EIA-364-28
Condition VII
Letter D
Swept-sine, 2.5 hours each x, y, z planes, 10-2000
Hz. Double ended socket harness with strain relief clip
both ends. Mated connectors shall exhibit no
discontinuities greater than 10ns during test, and 10
milliohm maximum ΔR contact resistance throughout
testing.
IEC-60512-6d-2e-
6c
20
Mechanical Shock
30
g
(gravitational
force)
Half-sine, 11ms, 3 pulses each x, y, z.. No strain relief
clip. Mated connectors shall exhibit no discontinuities
greater than 10ns during test, and 10 milliohm
maximum ΔR contact resistance throughout testing.
EIA-364-27 Test
Condition H
Half-sine, 11ms, 3 pulses each x, y, z. Double ended
socket harness with strain relief clip both ends. Mated
connectors shall exhibit no discontinuities greater than
10ns during test, and 10 milliohm maximum ΔR
contact resistance throughout testing.
EIA-364-27 Test
Condition A
50
3M Electronics Materials Solutions Division
13011 McCallen Pass Bldg. C
Austin, TX 78753-5380
1-800-225-5373
www.3M.com/interconnect



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com