Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1181/40C Datasheet(PDF) 2 Page - Alpha Wire

Part # 1181/40C
Description  Customer Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1181/40C Datasheet(HTML) 2 Page - Alpha Wire

  1181/40C Datasheet HTML 1Page - Alpha Wire 1181/40C Datasheet HTML 2Page - Alpha Wire 1181/40C Datasheet HTML 3Page - Alpha Wire 1181/40C Datasheet HTML 4Page - Alpha Wire 1181/40C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Applicable Specifications
E
10
SLATE
24
WHITE/VIOLET
38
WHITE/RED/BRO
WN
11
PINK
25
WHITE/BLACK/R
ED
39
WHITE/RED/VIOL
ET
12
TAN
26
WHITE/BLACK/G
REEN
40
WHITE/GREEN/B
LACK
13
RED/GREEN
27
WHITE/BLACK/Y
ELLOW
14
RED/YELLOW
28
WHITE/BLACK/B
LUE
2) Cable Assembly
40 Components Cabled
a) Twists:
2.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket
0.032" Wall, Nom.,PVC
0.429 (0.452 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 1181/40C 40C 22 AWG
75C (UL) TYPE CM OR AWM 2576 OR C(UL) 75C TYPE CMG
FT4 CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]
1) UL
AWM/STYLE 2576
80°C / 150 VRMS
CM
75°C
VW-1
2) CSA International
C(UL) TYPE CMG
75°C
FT4
3) CE:
EU Low Voltage Directive 2014/35/EU



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com