Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRD10RW1-AB-R Datasheet(PDF) 4 Page - C&K Components

Part # CRD10RW1-AB-R
Description  10mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CRD10RW1-AB-R Datasheet(HTML) 4 Page - C&K Components

  CRD10RW1-AB-R Datasheet HTML 1Page - C&K Components CRD10RW1-AB-R Datasheet HTML 2Page - C&K Components CRD10RW1-AB-R Datasheet HTML 3Page - C&K Components CRD10RW1-AB-R Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
.315
(8,0)
.069
(1,8)
.945
(24,0)
FEED DIRECTION
.059 DIA
(1,5)
.079
(2,0)
.630
(16,0)
.158
(4,0)
H
H–44
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
CONTACT MATERIAL
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATING
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
GOLD
GOLD
B
0.4 VC MAX. @ 20 V AC or DC MAX.
YES
YES
LOW LEVEL/DRY CIRCUIT
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
CRD Series
10mm DIP Coded Rotary Switches
TERMINATIONS
.024 TYP.
(0,6)
.394
(10,0)
.394
(10,0)
.032 TYP.
(0,81)
.100
(2,54)
.330
(8,4)
0 1
9
.100
(2,54)
.100
(2,54)
.300
(7,62)
.020
(0,51)
.146
(3,7)
.236
(6,0)
.300
(7,62)
Ø.040
(1,0)
1
C
4
8
C
2
1
C
4
8
C
2
.032 TYP.
(0,81)
.100
(2,54)
.024 TYP.
(0,6)
.330
(8,4)
.100
(2,54)
.100
(2,54)
.200
(5,08)
.138
(3,5)
3
2
.200
(5,08)
.217
(5,5)
.197
(5,00)
.197
(5,0)
.010
(0,25)
.472
(12,0)
81
1
C
4
8
C
2
.394
(10,0)
.394
(10,0)
.100
(2,54)
TYP.
0 1
9
.430
(10,9)
.236
(6,0)
.240
(6,10)
.020
(0,51)
TYP.
.031
(0,8)
TYP.
.010
(0,25)
.035
(0,9)
.050
(1,27)
.366
(9,3)
.024 TYP.
(0,6)
.330
(8,4)
.100
(2,54)
.100
(2,54)
Ø.040
(1,0)
1
C
4
8
C
2
1
C
4
8
C
2
C PC, THRU-HOLE
A RIGHT ANGLE, PC THRU-HOLE
S SURFACE MOUNT
TAPE & REEL
M0
12 Nov 20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com