Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH02016F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CH02016F
Description  AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CH02016F Datasheet(HTML) 2 Page - Vishay Siliconix

  CH02016F Datasheet HTML 1Page - Vishay Siliconix CH02016F Datasheet HTML 2Page - Vishay Siliconix CH02016F Datasheet HTML 3Page - Vishay Siliconix CH02016F Datasheet HTML 4Page - Vishay Siliconix CH02016F Datasheet HTML 5Page - Vishay Siliconix CH02016F Datasheet HTML 6Page - Vishay Siliconix CH02016F Datasheet HTML 7Page - Vishay Siliconix CH02016F Datasheet HTML 8Page - Vishay Siliconix CH02016F Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CH, CHA
www.vishay.com
Vishay Sfernice
Revision: 27-Apr-2022
2
Document Number: 53014
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Suggested land pattern: according to IPC-7351
Dimension and tolerance of land pattern shall be defined by PCB designer; PCB can be designed according to IPC-7351A
“Generic Requirements for Surface Mount Design and Land Pattern Standard”
PERFORMANCE (CH02016 F TERMINATION)
TOLERANCE VS. OHMIC VALUES
Ohmic range
10
Ω ≤ R < 50 Ω
50
Ω ≤ R ≤ 500 Ω
Tolerance CH02016
5 %
1 % for 50
Ω and 100 Ω, 2 %, 5 %
Tolerance CH0402 and CH0603
2 %, 5 %
1 %, 2 %, 5 %
LAND PATTERN FOR F “FLIP CHIP” TERMINATIONS in millimeters (inches)
CHIP SIZE
Zmax.
Xmax.
Gmin.
02016
0.53 (0.021)
0.44 (0.017)
0.15 (0.006)
0402
1.40 (0.055)
0.65 (0.026)
0.40 (0.016)
0603
1.71 (0.067)
0.90 (0.035)
0.76 (0.030)
LAND PATTERN FOR N AND G WRAPAROUND TERMINATIONS in millimeters (inches)
CHIP SIZE
Zmax.
Gmin.
Xmax.
0402
1.55 (0.061)
0.15 (0.006)
0.73 (0.029)
0603
2.37 (0.093)
0.35 (0.014)
0.98 (0.039)
TEST PROCEDURES AND REQUIREMENTS
AEC-Q200
CLAUSE
TEST
PROCEDURE
GLOBAL
PERFORMANCES
TYPICAL
PERFORMANCES
(25
Ω TO 250 Ω)
3
High temperature exposure
MIL-STD-202 method 108
1000 h at T = 125 °C,
unpowered
± 2 % ± 0.05
Ω
± 0.2 % ± 0.05
Ω
4
Temperature cycling
JESD22 method JA-104
1000 cycles (-55 °C to +155 °C)
± 1.8 % ± 0.05
Ω
± 1.5 % ± 0.05
Ω
7
Biased humidity
MIL-STD-202 method 103
1000 h 85 °C / 85 % RH
10 % of operating power
± 2 % ± 0.05
Ω
± 0.75 % ± 0.05
Ω
G
min.
Z
max.
X
max.
G
min.
Z
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com