Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32CE3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # TIP32CE3
Description  3A PNP Epitaxial Planar Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP32CE3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  TIP32CE3 Datasheet HTML 1Page - Cystech Electonics Corp. TIP32CE3 Datasheet HTML 2Page - Cystech Electonics Corp. TIP32CE3 Datasheet HTML 3Page - Cystech Electonics Corp. TIP32CE3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C610E3
Issued Date : 2003.09.04
Revised Date :
Page No. : 2/4
TIP32CE3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
*BVCEO(SUS)
-100
-
-
V
IC=-30mA, IB=0
ICEO
-
-
-300
µA
VCE=-60V, IB=0
ICES
-
-
-200
µA
VCE=-100V, VBE=0
IEBO
-
-
-1
mA
VEB=-5V, IC=0
*VCE(sat)
-
-
-1.2
V
IC=-3A, IB=-375mA
*VBE(on)
-
-
-1.8
V
VCE=-4V, IC=-3A
*hFE
25
-
-
-
VCE=-4V, IC=-1A
*hFE
10
-
50
-
VCE=-4V, IC=-3A
fT
3
-
-
MHz
VCE=-10V, IC=-500mA, f=1MHz
*Pulse Test : Pulse Width
≤380µs, Duty Cycle≤2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com