Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPES09 Datasheet(PDF) 2 Page - Total Power International

Part # TPES09
Description  AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES09 Datasheet(HTML) 2 Page - Total Power International

  TPES09 Datasheet HTML 1Page - Total Power International TPES09 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO. DESCRIPTION: TPES09 - X X X Y Y Y – S ( 1 )
(1) IF INPUT VOLTAGE 90-132Vac
INPUT AC PLUG: [1]WM1,[3]WM3.
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (Total Power External Switcher): About 9W
OUTPUT VOLTAGE / CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE (Vdc) OUTPUT VOLTAGE (Vdc)/CURRENT (A)
5.0Vdc ≤ Any Voltage ≤ 15.0Vdc
5.0-5.6V/1.8-1.6A, 5.7-6.0V/1.58-1.5A,
6.1-6.4V/1.47-1.4A, 6.5-6.9V/1.38-1.3A,
7.0-7.5V/1.28-1.2A, 7.6-8.2V/1.18-1.1A,
8.3-9.0V/1.08-1.0A, 9.1-10.0V/0.99-0.9A,
10.1-11.2V/0.89-0.8A, 11.3-12.8V/0.79-0.7A,
12.9-13.8V/0.69-0.65A, 13.9-15.0V/0.64-0.6A.
Note: Refer to the upper Chart or consult factory for the exact Model No. and V/A ratings.
SINGLE OUTPUT (Model No. for example.)
MODEL NO.
AC INPUT
AC PLUG
O/P VOLTAGE
O/P CURRENT
TPES09-050160-1(1)
90-132Vac
WM1
5.0V
1.60A
TPES09-050180-1
90-264Vac
WM1
5.0V
1.80A
TPES09-050180-1(1)
90-132Vac
WM1
5.0V
1.80A
TPES09-050180-3
90-264Vac
WM3
5.0V
1.80A
TPES09-050200-1
90-264Vac
WM1
5.0V
2.00A
TPES09-050200-3
90-264Vac
WM3
5.0V
2.00A
TPES09-120075-1
90-264Vac
WM1
12.0V
0.75A
TPES09-120075-1(1)
90-132Vac
WM1
12.0V
0.75A
TPES09-120075-3
90-264Vac
WM3
12.0V
0.75A
TPES09-150060-1
90-264Vac
WM1
15.0V
0.60A
TPES09-150060-1(1)
90-132Vac
WM1
15.0V
0.60A
TPES09-150060-3
90-264Vac
WM3
15.0V
0.60A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 113.0g (4.0 Oz)
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com