Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRE08RRD-P0S-R Datasheet(PDF) 3 Page - C&K Components

Part # CRE08RRD-P0S-R
Description  10mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CRE08RRD-P0S-R Datasheet(HTML) 3 Page - C&K Components

  CRE08RRD-P0S-R Datasheet HTML 1Page - C&K Components CRE08RRD-P0S-R Datasheet HTML 2Page - C&K Components CRE08RRD-P0S-R Datasheet HTML 3Page - C&K Components CRE08RRD-P0S-R Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H
H–47
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
ACTUATOR
CRE Series
10mm DIP Coded Rotary Switches
M0 Flush, Screw type “->”
M1 Flush, Screw type “+”
L0 Extended, Screw type “->”
P0 Protrusion, Screw type “->”
P1 Protrusion, Screw type “+”
3 Dec 21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com