Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2M Datasheet(PDF) 2 Page - Samtec, Inc

Part # S2M
Description  RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

S2M Datasheet(HTML) 2 Page - Samtec, Inc

  S2M Datasheet HTML 1Page - Samtec, Inc S2M Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
SERIES
- 1 NO.OF
POSITIONS
- LEAD
STYLE
- PLATING
OPTION
- D - OPTIONS - PACKAGING
S2M
Socket
05, 07, 10,
15, 20, 25, 30
(Per Row)
–01
= Through-hole
–02
= Surface Mount
–F
= Gold flash on
contact, Matte
Tin on tail
–L
= 10 µ" (0.25 µm)
Gold on contact,
Matte Tin on tail
–K
= (5.50 mm)
.217" DIA Polyimide film
Pick & Place Pad
(–02 only)
–LC
= Locking Clip
(Manual placement required)
(–02 only)
–DS
= Screw Down
(N/A with –LC)
(mates with –T2M–DS)
Leave blank for
tube packaging
–TR
= Tape & Reel
(–02 only)
–FR
= Full Reel Tape & Reel
(must order max. quantity
per reel; contact Samtec
for quantity breaks)
(–02 only)
No. of positions x (2.00) .0787 + (0.35) .014
(6.30)
.248
(4.52)
.178
(4.65)
.183
(4.25)
.167
No. of positions x (2.00) .0787 + (14.38) .566
(6.00)
.236
(8.50)
.335
Note: Some lengths,
styles and options are
non-standard, non-returnable.
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
samtec.com/2mm-TigerEye
S2M
SM= (7.06 mm) .278"
THT= (6.17 mm) .243"
T2M
View complete specifications at:
samtec.com?T2M
View complete specifications at:
samtec.com?S2M
–SM–WT
–TH–WT
–RA–WT
–DS
–SM
–TH
–LC
MATED HEIGHT
SERIES
- 1 NO.OF
POSITIONS
- 01 - PLATING
OPTION
- D - TAIL
OPTION
- OTHER
OPTIONS
- PACKAGING
T2M
Header
05, 07, 10,
15, 20, 25, 30
(Per Row)
–L
= 10 µ" (0.25 µm)
Gold on contact,
Matte Tin on tail
–TH
= Through-
hole
–RA
= Right-angle
–SM
= Surface
Mount
–WT
= Weld Tab
(S2SD & S2SDT,
–SR/–DR required mate)
–DS
= Screw Down
(N/A with –RA)
(mates with –S2M–DS,
S2SD/S2SDT –SS/–DS option)
–K
= (7.50 mm) .295" DIA
Polyimide film Pick
& Place Pad
(–SM only)
Leave blank for
tube packaging
–TR
= Tape & Reel
(–SM only)
–FR
= Full Reel
Tape & Reel
(must order max.
quantity per reel;
contact Samtec for
quantity breaks)
(–SM only)
No. of positions x (2.00) .0787 + (5.67) .223
(7.44)
.293
(8.76)
.345
(8.63) .340
No. of positions x (2.00) .0787 + (14.38) .566
(3.98)
.157
T2M
Board Mates:
S2M
Cable Mates:
S2SD, S2SDT
S2M
Board Mates:
T2M
Cable Mates:
T2SD
F-221
F-221



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com