Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPES49 Datasheet(PDF) 2 Page - Total Power International

Part # TPES49
Description  UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 45-50 WATTS SWITCHING POWER SUPPLIES TPES49 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES49 Datasheet(HTML) 2 Page - Total Power International

  TPES49 Datasheet HTML 1Page - Total Power International TPES49 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO. DESCRIPTION: TPES49 - X X X Y Y - S
AC INLET TYPE: NONE FOR DT7, [ 8 ] FOR DT8
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (Total Power External Switcher): About 49W.
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO.
AC TYPE.
OUTPUT VOLTAGE
OUTPUT CURRENT
TPES49-05060
DT7
5.0Vdc
6.0A
TPES49-07550
DT7
7.5Vdc
5.0A
TPES49-12040
DT7
12.0Vdc
4.0A
TPES49-15033
DT7
15.0Vdc
3.3A
TPES49-24021
DT7
24.0Vdc
2.1A
TPES49-30017
DT7
30.0Vdc
1.7A
TPES49-12040-8
DT8
12.0Vdc
4.0A
TPES49-15033-8
DT8
15.0Vdc
3.3A
TPES49-24021-8
DT8
24.0Vdc
2.1A
TPES49-30017-8
DT8
30.0Vdc
1.7A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 373.0g (13.2 Oz.)
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com