Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4450 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZMOD4450
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZMOD4450 Datasheet HTML 14Page - Renesas Technology Corp ZMOD4450 Datasheet HTML 15Page - Renesas Technology Corp ZMOD4450 Datasheet HTML 16Page - Renesas Technology Corp ZMOD4450 Datasheet HTML 17Page - Renesas Technology Corp ZMOD4450 Datasheet HTML 18Page - Renesas Technology Corp ZMOD4450 Datasheet HTML 19Page - Renesas Technology Corp ZMOD4450 Datasheet HTML 20Page - Renesas Technology Corp ZMOD4450 Datasheet HTML 21Page - Renesas Technology Corp ZMOD4450 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
12-LGA, Package Outline Drawing
3.0 x 3.0 x 0.9 mm Body, 0.5 x 1.0 mm Pitch
LVG12D2, PSC-4708-02, Rev 00, Page 2
Package Revision History
April 24, 2020
Rev 00
Initial release
Rev No.
Date Created
© Renesas Electronics Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com