Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3281 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSSC3281
Description  Advanced Dual Channel ARM based Resistive Sensor Signal Conditioner IC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3281 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3281 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3281 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3281 Datasheet HTML 11Page - Renesas Technology Corp ZSSC3281 Datasheet HTML 12Page - Renesas Technology Corp ZSSC3281 Datasheet HTML 13Page - Renesas Technology Corp ZSSC3281 Datasheet HTML 14Page - Renesas Technology Corp ZSSC3281 Datasheet HTML 15Page - Renesas Technology Corp ZSSC3281 Datasheet HTML 16Page - Renesas Technology Corp ZSSC3281 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
ZSSC3281 Datasheet
R33DS0020ED0100 Rev. 1.0
Jun.13.22
Page 13
© 2022 Renesas Electronics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
5V absolute Voltage Mode
5
1
10V absolute Voltage Mode
5
1
IOUTMAX
Short current limit at pin
AOUT
AOUT modes using 5V Buffer
short to VDD or VSS
programmable in 4 steps
3
8
15
20
5
12
19
25
9
20
23
30
mA
mA
mA
mA
Cload
Load capacitance at
AOUT
2-Wire Current Loop Mode
2
nF
all other modes
(for example. cap for EMC:
33nF, ECU load: 10nF)
50
rDAC
Resolution
–
16
–
Bit
Programmable-Gain Amplifier (PGA)
Gamp
Gain
120 steps
1.32
–
495
V/V
Gerr
Gain error
Referenced to nominal gain
Gain = 1.32…5
Gain = 6…125
Gain = 126…495
-2.5
-5
-10
0
2.5
5
10
%
GerrTemp
Gain error over-
temperature
Temperature compensated sensors
do not require calibration over-
temperature.
-0.2
0.2
%
VCMin
Supported input common
mode
0.2
0.5
0.7
VTOP
Vioffsc
Differential input offset
shift
Programmable in 30 steps
Gain1 < 240
Gain1 > 240
-28
-22
0
0
28
22
mV
Sensor Signal Conditioning (SSC) Performance
fSSCout
Output (update) rate
3 measurements: signal+,
signal-, diagnosis
rADC = 16bit
SSC-corrected digital output
–
1.3
–
kHz
3 measurements: signal+,
signal-, diagnosis
rADC = 14bit
SSC-corrected digital output
–
2.245
–
kHz
2 measurements: signal+,
diagnosis
rADC = 14bit
SSC-corrected digital output
–
3.36
–
kHz
tstepresp
Step response
3 measurements: signal+,
signal-, diagnosis
rADC = 16bit
SSC-corrected digital output
1.38
ms
3 measurements: signal+,
signal-, diagnosis
rADC = 14bit
SSC-corrected digital output
0.84
ms
Analog Inputs
VINP, VINN
Absolute sensor input
Voltages at INP and INN pin;
resulting minimum/maximum
differential voltages:
-800mV < VINdiff < 800mV
0.2
–
1.2
V
1
VDD must be ≥ 5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com