Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4450AI2R Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZMOD4450AI2R
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450AI2R Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZMOD4450AI2R Datasheet HTML 4Page - Renesas Technology Corp ZMOD4450AI2R Datasheet HTML 5Page - Renesas Technology Corp ZMOD4450AI2R Datasheet HTML 6Page - Renesas Technology Corp ZMOD4450AI2R Datasheet HTML 7Page - Renesas Technology Corp ZMOD4450AI2R Datasheet HTML 8Page - Renesas Technology Corp ZMOD4450AI2R Datasheet HTML 9Page - Renesas Technology Corp ZMOD4450AI2R Datasheet HTML 10Page - Renesas Technology Corp ZMOD4450AI2R Datasheet HTML 11Page - Renesas Technology Corp ZMOD4450AI2R Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ZMOD4450 Datasheet
© 2021 Renesas Electronics Corporation
8
June 30, 2021
6. Sensor Module Characteristics
6.1 Gas Sensor Module
The ZMOD4450 Gas Sensor Module is designed to detect typical gases inside refrigeration applications associated with food ripening or rotting.
Specifications for sensor module operation are shown in Table 5. The response time for a gas stimulation is always within a few seconds,
depending on the gas and its concentration. An active or direct airflow onto the sensor module is not necessary since diffusion of ambient gas
does not limit the sensor module response time.
Important: The ZMOD4450 can also detect some safety-relevant toxic gases; however, the sensor module is not designed to detect these
interferants reliably, and it therefore is not approved for use in any safety-critical or life-protecting applications. It must not be used in such
applications, and Renesas disclaims all liability for any such use.
Table 5.
Gas Sensor Module Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit[a]
Measurement Range
Ethylene (C2H4) in air
0
10
ppm
Measurement Range
Trimethylamine (C3H9N) in air
0
600
ppb
Measurement Range
Dimethyl sulfide (C2H6S) in air
0
180
ppb
RAQ
Refrigeration Air Quality Range
Change rate based on resistance
0
3
Temperature Range
0
25
°C
Repeatability
Variation in sensor module signal
±10
%
T-90
Sensor Module Response Time
Time to change to 90% of end
value
10
sec
[a] The abbreviation ppm stands for “parts per million,” and ppb is an abbreviation for “parts per billion.” For example, 1 ppm equals 1000 ppb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com