Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4510AI3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ZMOD4510AI3
Description  Gas Sensor Module for OAQ targeting NO2 & O3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ZMOD4510AI3 Datasheet HTML 1Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 2Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 3Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 4Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 5Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 6Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 7Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 8Page - Renesas Technology Corp ZMOD4510AI3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ZMOD4510 Datasheet
© 2021 Renesas Electronics Corporation
4
June 30, 2021
1. Pin Information
1.1 Pin Assignments
Figure 1. Pin Assignments for 12-LGA Module – Top View
10
6
5
4
12
11
9
8
7
3
2
1
Pin 1
Corner
VDD
VSS
VSS
n.c.
RES_N
VSS
VDDH
VDDIO
SCL
SDA
INT
n.c.
1.2 Pin Descriptions
Table 1.
Pin Descriptions
Pin Number
Name
Type
Description
1
SCL
Input
Serial clock for the I2C interface.
2
SDA
Input/Output
Serial data for the I2C interface. Default 7-bit slave address: 33HEX.
3
INT
Output
Interrupt signal (push-pull):
HIGH when a measurement is running
LOW when a measurement has finished
Note, use edge detection on falling edge!
4
n.c.
–
Do not connect.
5
VDD
Supply
Voltage supply for the ZMOD4510.
6
VSS
Ground
Ground reference for the ZMOD4510.
7
VSS
Ground
Ground reference for the ZMOD4510.
8
n.c.
–
Do not connect.
9
VSS
Ground
Ground reference for the ZMOD4510.
10
VDDH
Supply
Voltage supply for the integrated heater in the ZMOD4510.
11
RES_N
Input
ZMOD4510 reset; active low.
12
VDDIO
Supply
Voltage supply for I/O-interface in ZMOD4510.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com