Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4450AI3R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZMOD4450AI3R
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450AI3R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZMOD4450AI3R Datasheet HTML 6Page - Renesas Technology Corp ZMOD4450AI3R Datasheet HTML 7Page - Renesas Technology Corp ZMOD4450AI3R Datasheet HTML 8Page - Renesas Technology Corp ZMOD4450AI3R Datasheet HTML 9Page - Renesas Technology Corp ZMOD4450AI3R Datasheet HTML 10Page - Renesas Technology Corp ZMOD4450AI3R Datasheet HTML 11Page - Renesas Technology Corp ZMOD4450AI3R Datasheet HTML 12Page - Renesas Technology Corp ZMOD4450AI3R Datasheet HTML 13Page - Renesas Technology Corp ZMOD4450AI3R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ZMOD4450 Datasheet
© 2021 Renesas Electronics Corporation
10
June 30, 2021
Table 6.
Default Parameters for Control Signal based on Air Quality Changes
Parameter
Conditions
Typical Value
Unit
Learning Time Environment
Typical value valid for sample rate of 2 seconds
60
min
Sensor Module Response Time
Sample rate dependent, typically 1 to 3 samples
10
s
Threshold Trigger
Change of concentration; recommended difference: 30%
1.3
–
Stop Delay
Stop delay for external device; defines minimum activation time
2
min
When using the ZMOD4450 Evaluation Kit, the AD5 pin (GPIO) on connector K3 on the HiCom Communication Board is the trigger control
signal output that is set to HIGH/LOW. For more details, refer to the ZMOD4450 Evaluation Kit User Manual.
7.2 Environmental Temperature and Humidity
The sensor module is tested, qualified, and functional in the operation range of 0°C to +25°C. Figure 3 shows the module’s response during
operation to variations in relative humidity with and without ethylene stimulation.
Figure 3. Humidity Influence at 4°C for Ethylene Stimulation
7.3 Accuracy and Conditioning
All Renesas gas sensor modules come with electrical and chemical factory calibration with data stored in the module’s nonvolatile memory
(NVM). Using the software provided by Renesas and the calibration coefficients in the NVM will lead to stable measurements. The ZMOD4450
will respond to typical refrigeration gases immediate upon start-up; however, a conditioning period of 48 hours in a refrigeration environment is
recommended to improve stability and get maximum performance, as the module algorithm is able to learn about the refrigeration environment
over time.
Users who require an absolute measurement with the maximum achievable accuracy are advised to re-calibrate the sensor module with a
known organic compound. This enables an absolute accuracy of ±15% (see Table 7). For some environments, an interference response to
siloxanes is of concern; however, the ZMOD4450 gas sensor module is proven to be resistant against siloxanes. A maximum potential life-time
exposure has been simulated in all ZMOD4450 operation modes by applying the chemicals D4 (octamethylcyclotetrasiloxane) and D5
(decamethylcyclopentasiloxane) in high concentration for several hundred hours.
1E+5
1E+6
1E+7
50
60
70
80
90
100
Relative Humidity [%]
Clean Air
Ethylene 0.2 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com