Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4450AI4V Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZMOD4450AI4V
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450AI4V Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZMOD4450AI4V Datasheet HTML 1Page - Renesas Technology Corp ZMOD4450AI4V Datasheet HTML 2Page - Renesas Technology Corp ZMOD4450AI4V Datasheet HTML 3Page - Renesas Technology Corp ZMOD4450AI4V Datasheet HTML 4Page - Renesas Technology Corp ZMOD4450AI4V Datasheet HTML 5Page - Renesas Technology Corp ZMOD4450AI4V Datasheet HTML 6Page - Renesas Technology Corp ZMOD4450AI4V Datasheet HTML 7Page - Renesas Technology Corp ZMOD4450AI4V Datasheet HTML 8Page - Renesas Technology Corp ZMOD4450AI4V Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Gas Sensor Module for
Refrigeration Air Quality
ZMOD4450
Datasheet
© 2021 Renesas Electronics Corporation
1
June 30, 2021
ZMOD4450
Gas Sensor Module
VSUPPLY
VSS
VDD
VDDH
SDA
SCL
VSS
RES_N
Algorithms
Post-Processing
INT
Power
Supply
VDDIO
Description
The ZMOD4450 Gas Sensor Module is designed for detecting
gases associated with food ripening or rotting, and is targeted for
use in refrigeration air quality (RAQ) applications (e.g., food
storage and shipping, including humid and dusty applications with
the possibility of water spray, condensation, or immersion). It is a
12-LGA assembly (3.0 × 3.0 × 0.7 mm) that consists of a gas sense
element and a CMOS signal conditioning IC. The module’s sense
element consists of heater element on a Si-based MEMS structure
and a metal oxide (MOx) chemiresistor. The signal conditioner
controls the sensor temperatures and measures the MOx
conductivity, which is a function of the gas concentration. The
measurement results can be read via an I2C interface with the
user’s microprocessor, which processes the data.
The provided firmware can be used to determine the level of gases
present and to indicate the likelihood of food spoilage. With its low
operating current consumption, the ZMOD4450 is an excellent
choice for low-voltage and low-power battery applications. Built-in
nonvolatile memory (NVM) stores the module configuration and
calibration data.
Typical Applications
Refrigerator systems control
Measurement of meat, fruit and vegetable quality
Monitors for shipping and storage conditions
Odor remediation systems
Available Support
ZMOD4450 Evaluation Kit
Manuals, application notes, and white papers
Instructional videos
Programming libraries, example codes, and algorithm
support to optimize performance
Features
Measurement of gases associated with food ripening and
storage: volatile organic compounds (including ethylene),
amines, volatile sulfur compounds
Configurable methods of operation based on application and
use case
Heater driver and regulation loop for constant resistance,
minimizing effect of environmental temperature on signal
I2C interface: up to 400kHz
Built-in nonvolatile memory (NVM) for module-specific data
Low average power consumption in the mW range
Firmware upgradable platform for application optimizations
No external trimming components required
External reset pin (active-LOW)
Customization for mobile, industrial, and consumer
applications
Siloxane resistant
RoHS compliant
Supply voltage: 1.7V to 3.6V
Package: 12-LGA
Target operation temperature: 0°C to 25°C
Water and dustproof versions available (IP67 certified)
Available assembly sizes:
•
3.0 × 3.0 × 0.7 mm (standard version)
•
3.0 × 3.0 × 0.9 mm (IP67 version)
ZMOD4450 Application Circuit


Similar Part No. - ZMOD4450AI4V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZMOD4450AI1R RENESAS-ZMOD4450AI1R Datasheet
946Kb / 18P
Gas Sensor Module for Refrigeration Air Quality
ZMOD4450AI1V RENESAS-ZMOD4450AI1V Datasheet
946Kb / 18P
Gas Sensor Module for Refrigeration Air Quality
More results

Similar Description - ZMOD4450AI4V

ManufacturerPart #DatasheetDescription
logo
ams AG
CCS811 AMSCO-CCS811 Datasheet
529Kb / 34P
Ultra-Low Power Digital Gas Sensor for Monitoring Indoor Air Quality
logo
Renesas Technology Corp
ZMOD4510 RENESAS-ZMOD4510 Datasheet
641Kb / 17P
Gas Sensor Module for Outdoor Air Quality
ZMOD4410 RENESAS-ZMOD4410 Datasheet
1Mb / 23P
Gas Sensor Module for TVOC and Indoor Air Quality
ZMOD4450 RENESAS-ZMOD4450 Datasheet
946Kb / 18P
Gas Sensor Module for Refrigeration Air Quality
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
MP901 WINSEN-MP901 Datasheet
545Kb / 6P
Air-Quality Gas Sensor
MP905 WINSEN-MP905 Datasheet
783Kb / 7P
Air-Quality Gas Sensor
MQ135 WINSEN-MQ135 Datasheet
470Kb / 7P
Air Quality Gas Sensor
logo
SparkFun Electronics
SPX-16677 SPARKFUN-SPX-16677 Datasheet
226Kb / 2P
SparkX Refrigeration Gas Sensor - ZMOD4450 (Qwiic)
7??2??0
logo
Renesas Technology Corp
ZMOD4410 RENESAS-ZMOD4410_V01 Datasheet
1Mb / 26P
Gas Sensor Module for TVOC and Indoor Air Quality
December 17, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com