Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2TO20 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # D2TO20
Description  Surface Mount Power Resistor Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D2TO20 Datasheet(HTML) 4 Page - Vishay Siliconix

  D2TO20 Datasheet HTML 1Page - Vishay Siliconix D2TO20 Datasheet HTML 2Page - Vishay Siliconix D2TO20 Datasheet HTML 3Page - Vishay Siliconix D2TO20 Datasheet HTML 4Page - Vishay Siliconix D2TO20 Datasheet HTML 5Page - Vishay Siliconix D2TO20 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
D2TO20
www.vishay.com
Vishay Sfernice
Revision: 15-Feb-2022
4
Document Number: 51055
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING
The temperature of the case should be maintained within the limits specified.
OVERLOADS
In any case the applied voltage must be lower than the maximum overload voltage of 750 V. The values indicated on the graph
below are applicable to resistors in air or mounted onto a board.
ENERGY CURVE
POWER CURVE
10
100
1000
10000
0
25
50
75
100
125
0
20406080
100
120
140
160
Axis Title
Case Temperature (°C)
155
10
100
1000
10000
0.001
0.01
0.1
1
10
100
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
Axis Title
Overloard Duration (s)
10
100
1000
10000
100
1000
10 000
100 000
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
Axis Title
Overload Duration (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com