Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4510AI2R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZMOD4510AI2R
Description  Gas Sensor Module for OAQ targeting NO2 & O3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI2R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZMOD4510AI2R Datasheet HTML 6Page - Renesas Technology Corp ZMOD4510AI2R Datasheet HTML 7Page - Renesas Technology Corp ZMOD4510AI2R Datasheet HTML 8Page - Renesas Technology Corp ZMOD4510AI2R Datasheet HTML 9Page - Renesas Technology Corp ZMOD4510AI2R Datasheet HTML 10Page - Renesas Technology Corp ZMOD4510AI2R Datasheet HTML 11Page - Renesas Technology Corp ZMOD4510AI2R Datasheet HTML 12Page - Renesas Technology Corp ZMOD4510AI2R Datasheet HTML 13Page - Renesas Technology Corp ZMOD4510AI2R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ZMOD4510 Datasheet
© 2021 Renesas Electronics Corporation
10
June 30, 2021
5.3 Operation Mode 2: OAQ 2nd Generation
This mode of operation allows the selective measurement of ozone (O3) featuring Ultra-Low Power with an average consumption of 0.2mW
during its fast sample rate of 2 seconds. The second generation OAQ algorithm is tuned to ozone detection and the cross-sensitivity response
to NO2 is reported as less than 25 AQI even at NO2 levels up to 200ppb. The AQI output is according to the EPA standard and differentiated
between 1 hour and 8 hours exposures (concentration dependent). For operation outdoors it is recommended to follow the EPA standard, which
is called “EPA AQI” in the output files. However, for fast changing environments (e.g., during evaluation, testing, and system checks), it is
recommended to use the “FAST AQI” signal, which is the same AQI calculation based on a 1-minute average. The algorithm is tailored for best
accuracy in the typical environmental range of 20 to 100ppb and can report up to 500ppb. AQI values above 500 are considered beyond the
AQI.
5.4 Sensor Module Algorithm and Firmware
To operate the ZMOD4510, the software and libraries provided by Renesas should be used. The algorithm for the user’s microprocessor always
uses the raw output signals from the ZMOD4510, which are resistances, to determine the level of gases present. Depending on the
microprocessor and compiler used, the firmware and its algorithms require 10 to 20 kB flash size. All algorithms feature an automated baseline
correction function, ensuring that the module can learn from its environment and distinguish elevated levels of gases under all conditions. The
proprietary metal oxide (MOx) used in the sensor ensures that the sensor module can respond effectively to changing ozone and nitrogen
dioxide levels, respectively, during long-term operation. Therefore, the user focus should always be on the relevant output parameters: the air
quality index (AQI) and/or ozone concentration.
For implementing the sensor module in a customer-specific application, detailed information on the programming is available. More information
and guidance on the firmware integration, architecture, and supported platforms are available in the ZMOD4510 Programming Manual – Read
Me. Code Examples in C and additional firmware descriptions for API, HAL, libraries, etc., are included at no cost in the downloadable firmware
package from the ZMOD4510 product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com