Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4450AI2 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZMOD4450AI2
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450AI2 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZMOD4450AI2 Datasheet HTML 7Page - Renesas Technology Corp ZMOD4450AI2 Datasheet HTML 8Page - Renesas Technology Corp ZMOD4450AI2 Datasheet HTML 9Page - Renesas Technology Corp ZMOD4450AI2 Datasheet HTML 10Page - Renesas Technology Corp ZMOD4450AI2 Datasheet HTML 11Page - Renesas Technology Corp ZMOD4450AI2 Datasheet HTML 12Page - Renesas Technology Corp ZMOD4450AI2 Datasheet HTML 13Page - Renesas Technology Corp ZMOD4450AI2 Datasheet HTML 14Page - Renesas Technology Corp ZMOD4450AI2 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ZMOD4450 Datasheet
© 2021 Renesas Electronics Corporation
11
June 30, 2021
Table 7.
Typical ZMOD4450 Sensor Module Accuracy Achievable with Calibration
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Accuracy
With additional calibration
±15
%
Consistency
Part-to-Part Variation
±25
%
Durability to Siloxanes
Change in sensitivity
±5
%
7.4 Sensor Module Algorithm and Firmware
To operate the ZMOD4450, the software and libraries provided by Renesas should be used. The algorithm for the user’s microprocessor always
uses the raw output signals from the ZMOD4450, which are resistances, to determine the change of RAQ gases. Depending on the
microprocessor and compiler used, the firmware and its algorithms require 10 to 20 kB flash size. All algorithms feature an automated baseline
correction function, ensuring that the module can learn from its environment and distinguish elevated levels of gases under all conditions. The
proprietary metal oxide (MOx) used in the sensor ensures that the sensor module can respond effectively to changing RAQ gases during long-
term operation. Therefore, the user focus should always be on the relevant output parameter: The Air Quality Change Rate.
For implementing the sensor module in a customer-specific application, detailed information on the programming is available. More information
and guidance on the firmware integration, architecture, and supported platforms are available in the ZMOD4450 Programming Manual – Read
Me. Code Examples in C and additional firmware descriptions for API, HAL, libraries, etc., are included at no cost in the downloadable firmware
package from the ZMOD4450 product page.
8. Assembly Restrictions, Operation, Integration Notes, and Storage
When implementing the ZMOD4450 in electrical circuit boards, a gas sensor module may react to chemicals during the assembly process and
to outgassing components, such as resins from the printed circuit board (PCB) assembly. A standard soldering profile can be used to assemble
the ZMOD4450 on the user’s PCB and should fulfill the IPC/JEDEC J-STD-020C Standard (“Moisture/Reflow Sensitivity Classification for Non-
hermetic Solid State Surface Mount Devices”). A typical lead-free reflow solder profile is shown in Figure 4. After assembly, an outgassing of
the PCB and electronic components must be considered, especially when operating the sensor module at elevated temperatures. This will
ultimately influence the sensor module signal and may dominate the air quality reading. A PCB heat treatment before assembling the ZMOD4450
is recommended. After the gas sensor module assembly, no coating, cleaning, or ultrasonic bath should be applied to the PCB. Also, in case
the sensor module’s parts are contaminated during assembly or storage, the device can be cleaned after assembly by using the cleaning library
provided with the firmware to remove any contamination of solder vapor from the MOx surface. In case the sensor module does not show full
performance after a cleaning cycle, a change to the protection sticker package is recommended (see Ordering Information). Store the sensor
module in an antistatic metallic bag with a low TVOC background after the sensor module is removed from its original packaging or the
assembled PCB is populated. The optimal storage conditions are < 1 ppm TVOC, < 100 ppb O3, < 100 ppb NO2, 10°C to 50°C, and humidity
levels within 20% to 80%RH. If the sensor module is stored outside of these conditions for extended periods of time, the sensor module readings
can exhibit a temporary offset. The sensor module can be reconditioned and brought back to its calibration state by operation for 24 to 48 hours
in clean air.
To receive the Renesas Gas Sensor Guidelines with detailed information and on assembly, material outgassing, test and validation procedures,
contact Renesas via the contact information on the last page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com