Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37X103C01B00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # PV37X103C01B00
Description  Smaller volume (about one-third) than 25-turn potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PV37X103C01B00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  PV37X103C01B00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PV37X103C01B00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PV37X103C01B00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PV37X103C01B00
Note: This datasheet may be out of date.
Please download the latest datasheet of PV37X103C01B00 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=PV37X103C01B00
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated08/30/2022
Specifications
Power Rating
0.25W
Shape
Lead
Maximum Working Voltage
200Vdc
Adjustment Direction
Side
Size
6mm
Auto Adjustment
No
Number of Turns (Effective
Rotation Angle)
12
Mechanical Rotation Angle
-
Total Resistance Value
10kΩ
Total Resistance Value
 
Tolerance
±10%
Temperature Coefficient of
Resistance
±150ppm/
℃
Resistance Taper
B (Linear)
Contact Resistance Variation
Less than 3% of total
resistance value or 3ohm,
whichever is greater
Residual Resistance
2ohm max.
Torque
21.2mN
・m max.
Measure Condition of
RatedPower
85
℃
Operating Temperature
Range
-55
℃ to 125℃
Mass
0.34g
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com