Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65850 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M65850
Description  DIGITAL ECHO(DIGITAL DELAY)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65850 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M65850 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ELECTRIC
MITSUBISHI
M65850P/FP
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
MITSUBISHI SOUND PROCESSOR ICs
(
/ 11 )
KARAOKE
50SERIES
SERIES
DIGITAL ECHO(DIGITAL DELAY)
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITION
Vcc
Supply voltage
V
Icc
Pd
Topr
Tstg
Power dissipation
Operating temperature
Storage temperature
Circuit current
mA
°C
°C
6.0
100
800(P),550(FP)
-20 ~ 75
-40 ~ 125
( Ta = 25°C, unless otherwise noted )
Symbol
Parameter
Ratings
Unit
Conditions
5
Vcc
Supply Voltage
5
V
3.5
5.5
Limits
Min
Typ
Max
Symbol
Parameter
Unit
fck
Clock frequency
MHz
0.8
11.0
mW
Conditions
Icc
Gv
Vomax
THD
No
Circuit current
Voltage gain
Output noise voltage
No signal input
RL=47k
Ω
THD=10%
30kHz LPF
DIN-AUDIO
13
0
1.0
1.2
-85
mA
dB
V(rms)
%
dBV
Parameter
Symbol
Test conditions
Limits
Min
Typ
Unit
(Vcc=5V,f=1kHz,Vi=100mV(rms),fck=1MHz,Ta=25°C, unless otherwise noted)
0.7
3.0
-70
25
-3.0
3.0
5
fck
Clock frequency
1
MHz
Rc=120k
Ω
ELECTRICAL CHARACTERISTICS
Max
Maximum output
voltage
Total harmonic
distortion
0.85
1.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com