Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65853FP Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M65853FP
Description  DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65853FP Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M65853FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M65853FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M65853FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M65853FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M65853FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M65853FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M65853FP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M65853FP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M65853FP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ELECTRIC
MITSUBISHI
(
/ 1 7 )
M65853FP
MITSUBISHI SOUND PROCESSOR ICs
KARAOKE
50SSEERRII EESS
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
some
parametric
limits
are
subject
to change.
PR
ELI
MIN
AR
Y
Notice
; This
is not
a final
specification.
To set ALC operating voltage at -5dB(Vcc=5V)
-5dBV=0.56Vrms=1.59Vp-p=0.8Vp-o
VALC=2.5-0.8=1.7V
Since the input impedance at pin 35 is high at 1M
or more,
it is possible to provide ALC operating voltage by dividing
resistance.
ALC operating voltage can be set at a desired value between -10 and +3dBV by varying
the DC voltage applied to pin 35 (ALC operating voltage setting terminal).
(Setting method)
(6)ALC operating voltage setting
ONE SIDE
PEAK VOLTAGE,Vpo
VOLTAGE APPLIED TO 35 PIN,VALC
OV
VALC=
Vcc-Vpo
2
1
2.5V(
Vcc)
INTERNAL DC BIAS
2
1
35
R
Vcc
51k
0.01
µ
When Vcc=5V
Voltage applied to
pin 35 VALC(V)
ALC operating
voltage (dBV)
Resistance R(
)
+3
0
-2
-4
-6
-8
-10
0.50
1.09
1.38
1.61
1.79
1.94
2.05
5.6k
15k
20k
24k
27k
33k
36k
(5)ALC level diagram
-30
-20
-10
0
+3
10
-50 -40 -30 -20 -10
MICROPHONE AMPLIFIER GAIN SETTIG=47dB
ALC OPERATING VOLTAGE SETTING RANGE
Vo(dBV)
Vi(dBV)
-60
-70
1 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com